Electronic Components Datasheet Search
  English  ▼

X  

LTC4076 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4076
Description  Dual Input Standalone Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4076 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4076 Datasheet HTML 8Page - Linear Technology LTC4076 Datasheet HTML 9Page - Linear Technology LTC4076 Datasheet HTML 10Page - Linear Technology LTC4076 Datasheet HTML 11Page - Linear Technology LTC4076 Datasheet HTML 12Page - Linear Technology LTC4076 Datasheet HTML 13Page - Linear Technology LTC4076 Datasheet HTML 14Page - Linear Technology LTC4076 Datasheet HTML 15Page - Linear Technology LTC4076 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC4076
12
4076fa
Figure 3. Full Featured Dual Input Charger Circuit
Figure 2. Dual Input Charger Circuit. The Wall
Adapter Charge Current and USB Charge Current
are Both Programmed to be 500mA
Using a Single Charge Current Program Resistor
Inapplicationswheretheprogrammedwalladaptercharge
current and USB charge current are the same, a single
program resistor can be used to set both charge currents.
Figure 2 shows a charger circuit that uses one charge cur-
rentprogramresistor.Inthiscircuit,oneresistorprograms
the same charge current for each input supply.
I
I
V
R
CHRG DC
CHRG USB
ISET
( )
(
)
=
=
1000
The LTC4076 can also program the wall adapter charge
current and USB charge current independently using two
program resistors, RIDC and RIUSB. Figure 3 shows a
charger circuit that sets the wall adapter charge current
to 800mA and the USB charge current to 500mA.
Stability Considerations
Theconstant-voltagemodefeedbackloopisstablewithout
any compensation provided a battery is connected to the
charger output. However, a 1µF capacitor with a 1Ω series
resistor is recommended at the BAT pin to keep the ripple
voltage low when the battery is disconnected.
When the charger is in constant-current mode, the charge
current program pin (IDC or IUSB) is in the feedback loop,
not the battery. The constant-current mode stability is
affected by the impedance at the charge current program
pin. With no additional capacitance on this pin, the char-
ger is stable with program resistor values as high as 20k
(ICHRG= 50mA); however, additional capacitance on these
nodes reduces the maximum allowed program resistor.
APPLICATIO S I FOR ATIO
LTC4076
DCIN
USBIN
IUSB
IDC
BAT
HPWR
ITERM
RISET
2k
1%
RITERM
1k
1%
WALL
ADAPTER
USB
PORT
1 F
1 F
+
100mA
(USB, HPWR = LOW)
500mA
4076 F02
GND
LTC4076
DCIN
USBIN
HPWR
IUSB
IDC
BAT
PWR
CHRG
ITERM
RIDC
1.24k
1%
WALL
ADAPTER
USB
PORT
1 F
1 F
+
800mA (WALL)
100mA/500mA (USB)
4076 F03
GND
RIUSB
2k
1%
RITERM
1k
1%
1k
1k
4.2V
1-CELL
Li-Ion
BATTERY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com