Electronic Components Datasheet Search
  English  ▼

X  

LTC4076 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4076
Description  Dual Input Standalone Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4076 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4076 Datasheet HTML 2Page - Linear Technology LTC4076 Datasheet HTML 3Page - Linear Technology LTC4076 Datasheet HTML 4Page - Linear Technology LTC4076 Datasheet HTML 5Page - Linear Technology LTC4076 Datasheet HTML 6Page - Linear Technology LTC4076 Datasheet HTML 7Page - Linear Technology LTC4076 Datasheet HTML 8Page - Linear Technology LTC4076 Datasheet HTML 9Page - Linear Technology LTC4076 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC4076
6
4076fa
HPWR Pin Pulldown Resistance
vs Temperature
Undervoltage Lockout Threshold
vs Temperature
Battery Drain Current
vs Temperature
Recharge Threshold Voltage
vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
Charge Current at Turn-On and
Turn-Off
USBIN Shutdown Current vs
Temperature
EN Pin Pulldown Resistance vs
Temperature
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
45
40
35
30
25
20
15
10
5
0
4076 G17
VUSBIN = 8V
VUSBIN = 5V
VUSBIN = 4.3V
EN = 5V
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
4076 G18
2.8
2.6
2.4
2.2
2.0
1.8
1.6
4076 G19
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
2.8
2.6
2.4
2.2
2.0
1.8
1.6
TEMPERATURE (
°C)
–50
–25
0
50
25
75
100
4.30
4.25
4.20
4.15
4.10
4.05
4.00
3.95
3.90
DCIN UVLO
USBIN UVLO
4076 G20
TEMPERATURE (
°C)
–50
–25
0
50
25
75
100
4.16
4.14
4.12
4.10
4.08
4.06
4.04
4076 G21
VDCIN = VUSBIN = 4.3V
VDCIN = VUSBIN = 8V
TEMPERATURE (
°C)
–50
5
4
3
2
1
0
–1
–25
0
25
50
4076 G22
75
100
VBAT = 4.2V
VDCIN, VUSBIN (OPEN)
4076 G23
VDCIN = 5V
RIDC = 1.25k
100 s/DIV
IBAT
500mA/DIV
EN
5V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com