Electronic Components Datasheet Search
  English  ▼

X  

LTC4110 Datasheet(PDF) 33 Page - Linear Technology

Part # LTC4110
Description  Battery Backup System Manager
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4110 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC4110 Datasheet HTML 29Page - Linear Technology LTC4110 Datasheet HTML 30Page - Linear Technology LTC4110 Datasheet HTML 31Page - Linear Technology LTC4110 Datasheet HTML 32Page - Linear Technology LTC4110 Datasheet HTML 33Page - Linear Technology LTC4110 Datasheet HTML 34Page - Linear Technology LTC4110 Datasheet HTML 35Page - Linear Technology LTC4110 Datasheet HTML 36Page - Linear Technology LTC4110 Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
LTC4110
33
4110fa
based on the desired cap voltage and series cell count.
Other per cell voltages can be obtained by adjusting the
VCHG pin as required.
When the LTC4110 is configured to charge a super cap,
if TYPE pin is tied to 0.5VREF, use the bulk charge current
equation (see the Programming Charging/Calibration Cur-
rent section for details) to set the charging current. If TYPE
pin is tied to GND, then the charging current will equal
to preconditioning charge current when the cap voltage
is below the bulk charge threshold (as listed in Table 9)
and bulk charge current when the voltage is above the
threshold. Simply tie the IPCC pin to ICHG pin if these two
currents need to be the same. If the capacitor is too small
(<10mF), the voltage might rise too fast to be regulated
by the loop. In that case, the capacitor will be charged to
over voltage pretection threshold (typically 107.5% of the
float voltage. See VBOV)
The first configuration option to set for the LTC4110 is the
type and cell count of the battery you wish to use. Pins
TYPE and SELC are use to set this configuration. Please
note NiMH and NiCd batteries are only supported in the
smart battery configuration. The three state input pins
SELA, SELC and TYPE should NOT be changed while power
is applied to the IC unless in shutdown mode. Such action
will result in unpredictable behavior from the LTC4110.
SUPERCAPS
Table 8 shows all of the options with the exception of
SuperCaps. SuperCaps are supported by using standard
Li-ion or SLA modes in combination with the adjusting the
charge voltage with the VCHG pin. As far as the LTC4110
is concerned, it is still working with a Li-ion or SLA bat-
tery and will follow all the charge states as required for
that chemistry. Table 9 shows the required configuration
APPLICATIONS INFORMATION
Table 8. Battery Type and Number of Series Cell Selection for Batteries
STANDARD Li-Ion
(TYPE = GND)
SLA
(TYPE = 0.5VREF)
SMART NiMH/NiCd
(TYPE = VREF)
SMART Li-Ion
(TYPE = VDD)
SELC = GND
1241
SELC = 0.5VREF
2362
SELC = VREF
3593
SELC = VDD
4
6
10
4
Note: When smart battery is selected by the TYPE pin, SELA pin must be connected to GND to select address 12h.
Table 9. Battery Type and Number of Series Cell Selection for Super Caps
CAP VOLTAGE (V)
SERIES CAP
COUNT
STACK CAP
VOLTAGE (V)
TYPE
SELC
VCHG
BULK CHARGE
THRESHOLD (V/CELL)
2.5
2
5
0.5VREF
GND
0.625VREF
N/A
2.5
3
7.5
0.5VREF
0.5VREF
0.625VREF
N/A
2.5
5
12.5
0.5VREF
VREF
0.625VREF
N/A
2.5
6
15
0.5VREF
VDD
0.625VREF
N/A
2.5
7
17.5
GND
VDD
0.646VREF
1.71
2.7
3
8.1
GND
0.5VREF
0.375VREF
2
2.7
5
13.5
GND
VREF
0.750VREF
1.8
2.7
6
16.2
GND
VDD
0.375VREF
2
3
3
9
GND
0.5VREF
0.750VREF
2
3
4
12
GND
VREF
0.333VREF
2.25
3
5
15
0.5VREF
VDD
0.625VREF
N/A
3
6
18
GND
VDD
0.750VREF
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com