Electronic Components Datasheet Search
  English  ▼

X  

LTC4110 Datasheet(PDF) 45 Page - Linear Technology

Part # LTC4110
Description  Battery Backup System Manager
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4110 Datasheet(HTML) 45 Page - Linear Technology

Back Button LTC4110 Datasheet HTML 41Page - Linear Technology LTC4110 Datasheet HTML 42Page - Linear Technology LTC4110 Datasheet HTML 43Page - Linear Technology LTC4110 Datasheet HTML 44Page - Linear Technology LTC4110 Datasheet HTML 45Page - Linear Technology LTC4110 Datasheet HTML 46Page - Linear Technology LTC4110 Datasheet HTML 47Page - Linear Technology LTC4110 Datasheet HTML 48Page - Linear Technology LTC4110 Datasheet HTML 49Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
LTC4110
45
4110fa
Figure 19. SMBus Protection
CONNECTOR
TO BATTERY
TO SYSTEM
4110 F19
VDD
INPUT AND OUTPUT CAPACITORS
The LTC4110 uses a synchronous flyback regulator to
provide high battery charging current. A chip ceramic
capacitor is recommended for both the input and output
capacitors because it provides low ESR and ESL and can
handle the high RMS ripple currents. However, some
Hi-Q capacitors may produce high transients due to self
resonance under some start-up conditions, such as con-
necting the charger input to a hot power source. For more
information, refer to Application Note 88.
For charge mode, the ripple current can be calculated as
follows:
I
I
E
NV
V
RMSDCINCAP
CHG
BAT
DCIN
=•
•
and
II
V
NV
RMSBATCAP
CHG
BAT
DCIN
=•
•
For calibration mode, the ripple current can be calculated
as follows:
II
E
NV
V
RMSDCINCAP
CAL
BAT
DCIN
=• •
•
and
II
V
NV
RMSBATCAP
CAL
BAT
DCIN
=•
•
EMI considerations usually make it desirable to minimize
ripple current in the battery leads, and beads or induc-
tors may be added to increase battery impedance at the
300kHz switching frequency. Switching ripple current splits
between the battery and the output capacitor depending
on the ESR of the output capacitor and the battery imped-
ance. If the ESR of the output capacitor is 0.1Ω and the
battery impedance is raised to 2v with a bead or induc-
tor, only 5% of the ripple current will flow in the battery.
APPLICATIONS INFORMATION
Similar techniques may also be applied to minimize EMI
from the input leads.
Diodes
Schottky diodes should be placed in parallel with the drain
and source of the Flyback MOSFETs. This prevents body
diode turn-on and improves efficiency by eliminating loss
from reverse recovery in these diodes. It also reduces
conduction loss during the dead time of the MOSFETs.
PROTECTING SMBUS PINS
The SMBus inputs, SCL and SDA, are exposed to uncon-
trolled transient signals whenever a battery is connected
to the system. If the battery contains a static charge, the
SMBus inputs are subjected to transients that can cause
damage after repeated exposure. Also, if the battery’s posi-
tive terminal makes contact to the connector before the
negative terminal, the SMBus inputs can be forced below
ground with the full battery potential, causing a potential
for latch-up in any of the devices connected to the SMBus
inputs. Therefore, it is good design practice to protect the
SMBus inputs as shown in Figure 19.
START-UP DELAYS
When exiting shutdown mode, internal supplies must
ramp up and settle. 500μs-1ms should be adequate after
shutdown is exited or when power is quickly (<100μs)
first applied to the IC. For slow power ramp-up (>1ms)
internal supplies will be in regulation after power input
reaches 4.5V. Until internal supplies settle, status outputs
may be invalid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com