Electronic Components Datasheet Search
  English  ▼

X  

LTC4213 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4213
Description  No RSENSE??Electronic Circuit Breaker
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4213 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4213 Datasheet HTML 3Page - Linear Technology LTC4213 Datasheet HTML 4Page - Linear Technology LTC4213 Datasheet HTML 5Page - Linear Technology LTC4213 Datasheet HTML 6Page - Linear Technology LTC4213 Datasheet HTML 7Page - Linear Technology LTC4213 Datasheet HTML 8Page - Linear Technology LTC4213 Datasheet HTML 9Page - Linear Technology LTC4213 Datasheet HTML 10Page - Linear Technology LTC4213 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC4213
7
4213f
PI FU CTIO S
READY (Pin 1): READY Status Output. Open drain output
that goes high impedance when the external MOSFET is on
and the circuit breaker is armed. Otherwise this pin pulls
low.
ON (Pin 2): ON Control Input. The LTC4213 is in reset
mode when the ON pin is below 0.4V. When the ON pin
increases above 0.8V, the device starts up and the GATE
pulls up with a 100µA current source. When the ON pin
drops below 0.76V, the GATE pulls down. To reset a circuit
breaker fault, the ON pin must go below 0.4V.
ISEL (Pin 3): Threshold Select Input. With the ISEL pin
grounded, float or tied to VCC the VCB is set to 25mV, 50mV
or 100mV, respectively. The corresponding VCB(FAST)
values are 100mV, 175mV and 325mV.
GND (Pin 4): Device Ground.
GATE (Pin 5): GATE Drive Output. An internal charge
pump supplies 100µA pull-up current to the gate of the
external N-channel MOSFET. Internal circuitry limits the
voltage between the GATE and SENSEN pins to a safe gate
drive voltage of less than 8V. When the circuit breaker
trips, the GATE pin abruptly pulls to GND.
SENSEN (Pin 6): Circuit Breaker Negative Sense Input.
Connect this pin to the source of the external MOSFET.
During reset or fault mode, the SENSEN pin discharges the
output to ground with 280µA.
SENSEP (Pin 7): Circuit Breaker Positive Sense Input.
Connect this pin to the drain of external N-channel MOSFET.
The circuit breaker trips when the voltage across SENSEP
and SENSEN exceeds VCB. The input common mode range
of the circuit breaker is from ground to VCC + 0.2V when
VCC < 2.5V. For VCC ≥ 2.5V, the input common mode range
is from ground to VCC + 0.4V.
VCC (Pin 8): Bias Supply Voltage Input. Normal operation
is between 2.3V and 6V. An internal under-voltage lockout
circuit disables the device when VCC < 2.07V.
Exposed Pad (Pin 9): Exposed pad may be left open or
connected to device ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com