Electronic Components Datasheet Search
  English  ▼

X  

LTC4213 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4213
Description  No RSENSE??Electronic Circuit Breaker
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4213 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4213 Datasheet HTML 12Page - Linear Technology LTC4213 Datasheet HTML 13Page - Linear Technology LTC4213 Datasheet HTML 14Page - Linear Technology LTC4213 Datasheet HTML 15Page - Linear Technology LTC4213 Datasheet HTML 16Page - Linear Technology LTC4213 Datasheet HTML 17Page - Linear Technology LTC4213 Datasheet HTML 18Page - Linear Technology LTC4213 Datasheet HTML 19Page - Linear Technology LTC4213 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC4213
16
4213f
APPLICATIO S I FOR ATIO
Figure 5. Load Supply Power-Up Before VCC
VON > 0.8V
Vth
01
2
3
4
5
6
7
8
VCC, VON
CIRCUIT BREAKER ARMS
READY SIGNALS
VREADY
VSENSEN
VSENSEP
RESET MODE
NORMAL CYCLE
tREADY
STARTUP CYCLE
tDEBOUNCE
VGATE
4213 F05
VSENSEP – VSENSEN = VCB
VGATE MAXES OUT
VCC > 2.07V
∆VGSARM + VSENSEN
∆VGSMAX + VSENSEN
Load Supply Power-Up Before VCC
Referring back to Figure 1, the VIN load supply can also be
powered up before VCC. Figure 5 shows the timing dia-
gram with the VIN load supply active initially. An internal
circuit ensures that the GATE pin is held low. At time point
1, VCC clears UVLO and at time point 2, ON clears 0.8V.
60µs later at time point 3, the GATE is ramped up with
100µA. At time point 4, GATE reaches the external MOSFET
threshold VTH and VOUT starts to ramp up. At time point 5,
VSENSEN is near its peak. At time point 6, the circuit breaker
is armed and the circuit breaker can trip if ∆VSENSE > VCB.
At time point 7, the GATE voltage peaks. 50µs after time
point 6, READY goes HIGH.
Startup Problems
There is no current limit monitoring during output charg-
ing for the figure 5 power-up sequence where the load
supply is powered up before VCC. This is because the GATE
voltage is below ∆VGSARM and the MOSFET may not reach
the specified RDSON. The VIN load supply should have
sufficient capability to handle the inrush as the output
charges up. For proper startup, the final load at time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com