Electronic Components Datasheet Search
  English  ▼

X  

LTC4222 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4222
Description  Dual Hot Swap Controller with I2C Compatible Monitoring
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4222 Datasheet(HTML) 2 Page - Linear Technology

  LTC4222 Datasheet HTML 1Page - Linear Technology LTC4222 Datasheet HTML 2Page - Linear Technology LTC4222 Datasheet HTML 3Page - Linear Technology LTC4222 Datasheet HTML 4Page - Linear Technology LTC4222 Datasheet HTML 5Page - Linear Technology LTC4222 Datasheet HTML 6Page - Linear Technology LTC4222 Datasheet HTML 7Page - Linear Technology LTC4222 Datasheet HTML 8Page - Linear Technology LTC4222 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC4222
2
4222f
ABSOLUTE MAXIMUM RATINGS
Supply Voltages (VDDn).............................. –0.3V to 35V
Supply Voltage (INTVCC) ........................... –0.3V to 6.5V
Input Voltages
GATEn – SOURCEn (Note 3) .................... –0.3V to 5V
SENSE+n..........................VDDn – 6.5V to VDDn + 0.3V
SENSE–n.............................–0.3V to SENSE+n + 0.3V
SOURCEn.................................................. –5V to 35V
UVn.....................................–0.3V to SENSE+n + 0.3V
ENn, FBn, ON, OVn ................................ –0.3V to 12V
ADR0-2, TIMER, SS............... –0.3V to INTVCC + 0.3V
(Notes 1, 2)
32 31 30 29 28 27 26 25
9
10 11 12
TOP VIEW
UH PACKAGE
32-LEAD (5mm
5mm) PLASTIC QFN
13 14 15 16
17
33
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
SS
CONFIG
INTVCC
GND
ADR0
ADR1
ADR2
TIMER
EN1
ADIN1
ON
ALERT
SCL
SDA
ADIN2
EN2
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN 33), PCB GND CONNECTION OPTIONAL
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
TOP VIEW
G PACKAGE
36-LEAD PLASTIC SSOP
36
25
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
SENSE1–
SENSE1+
VDD1
UV1
OV1
SS
CONFIG
INTVCC
GND
ADR0
ADR1
ADR2
TIMER
OV2
UV2
VDD2
SENSE2+
SENSE2–
GATE1
SOURCE1
FB1
GPIO1
EN1
ADIN1
ON1
ON2
ALERT
SCL
SDAI
SDAO
ADIN2
EN2
GPIO2
FB2
SOURCE2
GATE2
TJMAX = 125°C, θJA = 95°C/W
PIN CONFIGURATION
ADINn, CONFIG...................................... –0.3V to 12V
ALERT, SCL, SDA, SDAI, SDAO ............ –0.3V to 6.5V
Output Voltages
GATEn, GPIOn........................................ –0.3V to 35V
Operating Temperature Range
LTC4222C ................................................ 0°C to 70°C
LTC4222I.............................................. –40°C to 85°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
SSOP ................................................................ 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com