Electronic Components Datasheet Search
  English  ▼

X  

LTC4222 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4222
Description  Dual Hot Swap Controller with I2C Compatible Monitoring
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4222 Datasheet(HTML) 4 Page - Linear Technology

  LTC4222 Datasheet HTML 1Page - Linear Technology LTC4222 Datasheet HTML 2Page - Linear Technology LTC4222 Datasheet HTML 3Page - Linear Technology LTC4222 Datasheet HTML 4Page - Linear Technology LTC4222 Datasheet HTML 5Page - Linear Technology LTC4222 Datasheet HTML 6Page - Linear Technology LTC4222 Datasheet HTML 7Page - Linear Technology LTC4222 Datasheet HTML 8Page - Linear Technology LTC4222 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC4222
4
4222f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 12V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ΔVOV(HYST)
OV Hysteresis
l
16
24
32
mV
ΔVUV(HYST)
UV Hysteresis
l
60
90
110
mV
I(IN)
CONFIG, FB, ON, OV and UV Input Current
VIN = 3V
l
0±1
μA
IEN(UP)
EN Pull-Up Current
VEN = 0V
l
510
20
μA
VUV(RTH)
UV Reset Threshold Voltage
VUV Falling
l
0.36
0.4
0.46
V
ΔVUV(RHYST)
UV Reset Threshold Hysteresis
l
60
125
180
mV
VGPIO(TH)
GPIO Input Threshold
VGPIO Rising
l
0.8
1
1.2
V
Other Pin Functions
VGPIO(OL)
GPIO Output Low Voltage
IGPIO = 5mA, VDD2 = 2.9V
l
0.25
0.4
V
IGPIO(OH)
GPIO Input Leakage Current
VGPIO = 15V
l
0±1
μA
ISOURCE
SOURCE Input Current
SOURCE = 15V
l
70
115
170
μA
tP(GATE)
Input (ON, OV, UV, EN) to GATE Off
Propagation Delay
l
35
μs
tD(GATE)
GATE Turn-On Delay
ON
UV, OV, EN
Overcurrent Auto-Retry
l
l
l
75
4.2
4
100
5
8
125
6.7
μs
ms
s
VTIMERL(TH)
Timer Low Threshold
l
0.18
0.2
0.22
V
VTIMERH(TH)
Timer High Threshold
l
1.215
1.235
1.255
V
ITIMER(UP)
TIMER Pull-Up Current
l
90
100
110
μA
ITIMER(DOWN)
TIMER Pull-Down Current for OC
Auto-Retry
l
1.6
2.15
2.6
μA
ITIMER(UP/DOWN)
TIMER Pin OC Auto-Retry Duty Cycle
l
38
50
58
N/A
ISS
Soft-Start Ramp Pull-Up Current
Ramping
Waiting for GATE to Slew
l
l
7.5
0.5
10
0.75
12.5
0.95
μA
μA
ADC
RES
Resolution (No Missing Codes)
l
10
Bits
VFS
Full-Scale Voltage (1023 • VLSB)(VDD – SENSE)
SOURCE
ADIN
l
l
l
64
32
1.28
mV
V
V
LSB
LSB Step Size
(VDD – SENSE)
SOURCE
ADIN
l
l
l
62.5
31.25
1.25
μV
mV
mV
VOS
Offset Error
(VDD – SENSE)
SOURCE
ADIN
l
l
l
±3
±2
±2
LSB
LSB
LSB
INL
Integral Nonlinearity
(Note 5)
l
±0.5
LSB
TUE
Total Unadjusted Error/Full-Scale Error
(VDD – SENSE)
SOURCE
ADIN
l
l
l
±1.5
±1
±1
%
%
%
RADIN
ADIN Sampling Resistance
VADIN = 1.28V
l
12
M
Ω
IADIN
ADIN Input Current
VADIN = 1.28V
l
0
±0.1
μA
Conversion Rate
15
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com