Electronic Components Datasheet Search
  English  ▼

X  

LTC4222 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4222
Description  Dual Hot Swap Controller with I2C Compatible Monitoring
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4222 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4222 Datasheet HTML 2Page - Linear Technology LTC4222 Datasheet HTML 3Page - Linear Technology LTC4222 Datasheet HTML 4Page - Linear Technology LTC4222 Datasheet HTML 5Page - Linear Technology LTC4222 Datasheet HTML 6Page - Linear Technology LTC4222 Datasheet HTML 7Page - Linear Technology LTC4222 Datasheet HTML 8Page - Linear Technology LTC4222 Datasheet HTML 9Page - Linear Technology LTC4222 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC4222
6
4222f
TYPICAL PERFORMANCE CHARACTERISTICS
IDD1 vs VDD1
IDD2 vs VDD2
INTVCC vs VDD2
INTVCC vs ILOAD
VTH(UV) vs Temperature
VHYST(UV) vs Temperature
TA = 25°C. VDDn = 12V unless otherwise noted.
VDD1 (V)
0
1.0
0.8
0.6
0.9
0.7
0.5
0.4
20
10
4222 G01
30
15
525
VDD2 (V)
0
4.0
3.0
3.5
2.5
2.0
20
10
4222 G02
30
15
525
VDD2 (V)
2.5
4.0
3.0
4222 G03
5.0
3.5
4.5
3.4
3.2
3.0
3.3
3.1
2.9
2.8
ILOAD (mA)
0
7.5
2.5
4222 G04
15.0
5.0
10.0
12.5
3.50
3.00
3.25
2.75
2.50
VDD2 = 2.9V
VDD2 = 3.3V
VDD2 = 5V
VDD2 = 12V
TEMPERATURE (°C)
–50
1.250
1.240
1.230
1.245
1.235
1.225
1.220
50
0
4222 G05
100
25
–25
75
TEMPERATURE (°C)
–50
100
90
95
85
80
50
0
4222 G06
100
25
–25
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com