Electronic Components Datasheet Search
  English  ▼

X  

LTC4245 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4245
Description  Multiple Supply Hot Swap Controller with I2C Compatible Monitoring
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4245 Datasheet(HTML) 3 Page - Linear Technology

  LTC4245 Datasheet HTML 1Page - Linear Technology LTC4245 Datasheet HTML 2Page - Linear Technology LTC4245 Datasheet HTML 3Page - Linear Technology LTC4245 Datasheet HTML 4Page - Linear Technology LTC4245 Datasheet HTML 5Page - Linear Technology LTC4245 Datasheet HTML 6Page - Linear Technology LTC4245 Datasheet HTML 7Page - Linear Technology LTC4245 Datasheet HTML 8Page - Linear Technology LTC4245 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LTC4245
3
4245fa
The ● denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. V12VIN = 12V, V5VIN = 5V, V3VIN = 3.3V, VVEEIN = –12V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supplies
IDD
Input Supply Current
12VIN
5VIN
3VIN, PRECHARGE Open
VEEIN
●
●
●
●
3
0.5
0.6
–0.5
5
1
1
–1
mA
mA
mA
mA
VUVL
Supply Undervoltage Lockout
12VIN
5VIN, VCFG = 0V, Open
5VIN When VCFG = VCC, 3VIN
VEEIN, VCFG = 0V
VCC Falling
●
●
●
●
●
10.2
4.25
2.7
–10.2
3.4
10.5
4.38
2.8
–10.5
3.8
10.8
4.5
2.9
–10.8
4.2
V
V
V
V
V
VCC
Internal Regulator Voltage
●
5
5.5
6
V
Current Limit
ΔVSNS(CB)
Circuit Breaker Trip Sense Voltage
(V12VIN – V12VSENSE)
(V5VIN – V5VSENSE)
(V3VIN – V3VSENSE)
(VVEESENSE – VVEEIN)
After Start-Up
●
●
●
●
45
22.5
22.5
40
50
25
25
50
55
27.5
27.5
60
mV
mV
mV
mV
ΔVSNS(ACL)
Active Current Limit Sense Voltage
(V12VIN – V12VSENSE)
(V5VIN – V5VSENSE)
(V3VIN – V3VSENSE)
(VVEESENSE – VVEEIN)
After Start-Up
●
●
●
●
130
60
60
130
150
75
75
150
170
90
90
170
mV
mV
mV
mV
ΔVSNS(FBL),
ΔVSNS(FBH)
Foldback Current Limit Sense Voltage
(V12VIN – V12VSENSE)
(V5VIN – V5VSENSE)
(V3VIN – V3VSENSE)
(VVEESENSE – VVEEIN)
Start-Up, VTIMER = 0V
V12VOUT = 0V
V12VOUT = 12V
V5VOUT = 0V
V5VOUT = 5V
V3VOUT = 0V
V3VOUT = 3.3V
VVEEOUT = 0V
VVEEOUT = –12V
●
●
●
●
●
●
●
●
10
40
4
22
4
22
11
40
15
50
7.5
25
7.5
25
16
50
20
60
11
29
11
29
21
60
mV
mV
mV
mV
mV
mV
mV
mV
Gate Drive
ΔVGATE
Gate Drive
Gate to Source
●
5
6.2
7.5
V
IGATE(UP)
Gate Pull-Up Current
Gate Drive On, ΔVGATE = 0V
●
–16
–20
–24
μA
IGATE(DN)
Gate Pull-Down Current
12VGATE, 5VGATE, 3VGATE,
VEEGATE
Gate Drive Off, ΔVGATE = 5V
VOUT = VIN
VVEEGATE = –7V
●
●
0.9
1.7
1.3
3.5
1.7
5.3
mA
mA
IGATE(FST)
Gate Fast Pull-Down Current
12VGATE, 5VGATE
3VGATE
VEEGATE
Fast Turn Off, ΔVGATE = 5V
V12VGATE = 17V, V5VGATE = 10V
V3VGATE = 8.3V
VVEEGATE = –7V
●
●
●
125
155
32
250
310
65
375
465
98
mA
mA
mA
Input/Output Pins
VON, BD_SEL#(TH)
ON, BD_SEL# Pin Threshold Voltage
VON Rising, VBD_SEL# Rising
●
1.21
1.235
1.26
V
ΔVON, BD_SEL#(HYST) ON, BD_SEL# Pin Hysteresis
●
70
120
170
mV
IBD_SEL#(UP)
BD_SEL# Pull-Up Current
VBD_SEL# = 0V
●
–7
–10
–16
µA
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com