Electronic Components Datasheet Search
  English  ▼

X  

LTC4245 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4245
Description  Multiple Supply Hot Swap Controller with I2C Compatible Monitoring
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4245 Datasheet(HTML) 5 Page - Linear Technology

  LTC4245 Datasheet HTML 1Page - Linear Technology LTC4245 Datasheet HTML 2Page - Linear Technology LTC4245 Datasheet HTML 3Page - Linear Technology LTC4245 Datasheet HTML 4Page - Linear Technology LTC4245 Datasheet HTML 5Page - Linear Technology LTC4245 Datasheet HTML 6Page - Linear Technology LTC4245 Datasheet HTML 7Page - Linear Technology LTC4245 Datasheet HTML 8Page - Linear Technology LTC4245 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LTC4245
5
4245fa
The ● denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. V12VIN = 12V, V5VIN = 5V, V3VIN = 3.3V, VVEEIN = –12V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ADC
RES
Resolution (No Missing Codes)
(Note 7)
●
8
Bits
VFS
Full-Scale Voltage (VFS = 255LSB)
12VIN, 12VOUT
12VIN – 12VSENSE, VEESENSE – VEEIN
5VIN, 5VOUT
5VIN – 5VSENSE, 3VIN – 3VSENSE
3VIN, 3VOUT
VEEIN, VEEOUT
GPIO
(Note 6)
VCFG = 0V, Open
VCFG = VCC
●
●
●
●
●
●
●
●
13.744
62.47
5.5
3.75
31.24
3.75
–13.744
2.5
14.025
63.75
5.61
3.825
31.875
3.825
–14.025
2.55
14.306
65.03
5.72
3.9
32.51
3.9
–14.306
2.6
V
mV
V
V
mV
V
V
V
INL
Integral Nonlinearity
ΔVSENSE (Note 8)
Other 9 Channels
●
●
±0.5
±0.2
±2
±1.25
LSB
LSB
OE
Offset Error
ΔVSENSE (Note 6)
VEEIN, VEEOUT
Other 7 Channels
●
●
●
±0.5
±0.5
±0.3
±1.5
±1.25
±1
LSB
LSB
LSB
FSE
Full-Scale Error
●
±5
LSB
TUE
Total Unadjusted Error
●
±5
LSB
tADC
Conversion Time
All 13 Channels Once
ΔVSENSE, VEEIN, VEEOUT
Other 7 Channels
665
70
35
ms
ms
ms
Delays
tD
Turn-On Delay
●
60
100
150
ms
tPLH(GATE)
Input High (ON) to Gates High Delay
SS Open
●
15
30
μs
tPHL(GATE)
Input High (BD_SEL#), Input Low (ON)
to Gates Low Propagation Delay
CGATE = 1pF
●
0.3
1
μs
tPHL(UVL)
Supply Low to Gates Low Delay
12VIN, 5VIN, 3VIN, CGATE = 1pF
VEEIN, CVEEGATE = 1pF
●
●
2.1
3.3
3.5
5.5
4.9
7.7
μs
μs
tCB
Circuit Breaker Filter Delay Time
●
16
22
28
μs
tACL
Active Current Limit Delay
ΔV12VSENSE = 300mV, C12VGATE = 10nF
ΔV5VSENSE = 150mV, C5VGATE = 10nF
ΔV3VSENSE = 150mV, C3VGATE = 10nF
ΔVVEESENSE = 300mV, CVEEGATE = 10nF
●
●
●
●
0.9
0.85
0.7
2
2.3
2.1
1.8
5
μs
μs
μs
μs
tPHL(PGI)
PGI Low to Gates Low
CGATE = 1pF
●
12
20
28
μs
tPHL(RST)
Output Low to LOCAL_PCI_RST# Low
12VOUT, 5VOUT, 3VOUT, VPCI_RST# = 2V
VEEOUT, VPCI_RST# = 2V
●
●
9
10.2
15
17
21
23.8
μs
μs
tP(RST)
PCI_RST# to LOCAL_PCI_RST# Delay
●
60
200
ns
I2C Interface Timing (Note 7)
fSCL(MAX)
Maximum SCL Clock Frequency
Operates with fSCL ≤ fSCL(MAX)
400
kHz
tBUF(MIN)
Min. Bus Free Time Between Stop/Start
0.12
1.3
μs
tSU, STA(MIN)
Minimum Repeated Start Set-Up Time
10
600
ns
tHD, STA(MIN)
Min. Hold Time After (Repeated) Start
140
600
ns
tSU, STO(MIN)
Minimum Stop Condition Set-Up Time
10
600
ns
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com