Electronic Components Datasheet Search
  English  ▼

X  

LTC4245 Datasheet(PDF) 33 Page - Linear Technology

Part # LTC4245
Description  Multiple Supply Hot Swap Controller with I2C Compatible Monitoring
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4245 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC4245 Datasheet HTML 28Page - Linear Technology LTC4245 Datasheet HTML 29Page - Linear Technology LTC4245 Datasheet HTML 30Page - Linear Technology LTC4245 Datasheet HTML 31Page - Linear Technology LTC4245 Datasheet HTML 32Page - Linear Technology LTC4245 Datasheet HTML 33Page - Linear Technology LTC4245 Datasheet HTML 34Page - Linear Technology LTC4245 Datasheet HTML 35Page - Linear Technology LTC4245 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
LTC4245
33
4245fa
Table 14. ADCADR Register H (07h) – Read/Write
BIT
NAME
OPERATION
H7:4
Reserved
Not Used
H3:0
ADC Channel Address
Selects Which ADC Channel to Measure On-Demand
H3
H2
H1
H0
ADC CHANNEL
0
000
12VIN Voltage (Default)
0
0
0
1
12V Current Sense Voltage
0
010
12VOUT Voltage
0
011
5VIN Voltage
0
1
0
0
5V Current Sense Voltage
0
101
5VOUT Voltage
0
110
3VIN Voltage
0
1
1
1
3.3V Current Sense Voltage
1
000
3VOUT Voltage
1
001
VEEIN Voltage
1
0
1
0
–12V Current Sense Voltage
1
011
VEEOUT Voltage
1
1
X
X
GPIO Voltage
Table 15. ADC Data Registers I to U (10h to 1Fh) – Read/Write
BIT
NAME
OPERATION
I7:0
12VIN Voltage Data
12VIN Pin Voltage Data. 8-Bit Data with 55mV LSB and 14.025V Full Scale
J7:0
12VSENSE Voltage Data
12VIN to 12VSENSE Current Sense Voltage Data. 8-Bit Data with 250µV LSB and 63.75mV Full Scale
K7:0
12VOUT Voltage Data
12VOUT Pin Voltage Data. 8-Bit Data with 55mV LSB and 14.025V Full Scale
L7:0
5VIN Voltage Data
5VIN Pin Voltage Data. 8-Bit Data with 22mV (or 15mV) LSB and 5.61V (or 3.825V) Full Scale
M7:0
5VSENSE Voltage Data
5VIN to 5VSENSE Current Sense Voltage Data. 8-Bit Data with 125µV LSB and 31.875mV Full Scale
N7:0
5VOUT Voltage Data
5VOUT Pin Voltage Data. 8-Bit Data with 22mV (or 15mV) LSB and 5.61V (or 3.825V) Full Scale
O7:0
3VIN Voltage Data
3VIN Pin Voltage Data. 8-Bit Data with 15mV LSB and 3.825V Full Scale
P7:0
3VSENSE Voltage Data
3VIN to 3VSENSE Current Sense Voltage Data. 8-Bit Data with 125µV LSB and 31.875mV Full Scale
Q7:0
3VOUT Voltage Data
3VOUT Pin Voltage Data. 8-Bit Data with 15mV LSB and 3.825V Full Scale
R7:0
VEEIN Voltage Data
VEEIN Pin Voltage Data. 8-Bit Data with –55mV LSB and –14.025V Full Scale
S7:0
VEESENSE Voltage Data
VEESENSE to VEEIN Current Sense Voltage Data. 8-Bit Data with 250µV LSB and 63.75mV Full Scale
T7:0
VEEOUT Voltage Data
VEEOUT Pin Voltage Data. 8-Bit Data with –55mV LSB and –14.025V Full Scale
U7:0
GPIO Voltage Data
GPIOn Pin Voltage Data. 8-Bit Data with 10mV LSB and 2.55V Full Scale
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com