Electronic Components Datasheet Search
  English  ▼

X  

LTC3527 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3527
Description  Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3527 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3527 Datasheet HTML 9Page - Linear Technology LTC3527 Datasheet HTML 10Page - Linear Technology LTC3527 Datasheet HTML 11Page - Linear Technology LTC3527 Datasheet HTML 12Page - Linear Technology LTC3527 Datasheet HTML 13Page - Linear Technology LTC3527 Datasheet HTML 14Page - Linear Technology LTC3527 Datasheet HTML 15Page - Linear Technology LTC3527 Datasheet HTML 16Page - Linear Technology LTC3527 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC3527/LTC3527-1
13
35271f
35271 F01
VIN1
VIN
VIN2
VOUT1
GND
GND
GND
GND
MODE SHDN1
SHDN2 FSEL
VOUT2
APPLICATIONS INFORMATION
Figure 1. Recommended Component Placement for a Dual-Layer Board
Mode threshold) by reducing the inductor ripple cur-
rent. Increasing the inductance above 10µH will increase
size while providing little improvement in output current
capability.
The minimum inductance value is given by:
L
VV
V
f Ripple V
IN MIN
OUT MAX
IN MIN
OU
>
()
(
)
()
•(
–
)
••
T
TMAX
()
Where:
Ripple = Allowable inductor current ripple (amps peak-
to-peak)
VIN(MIN) = Minimum input voltage
VOUT(MAX) = Maximum output voltage
f = Oscillator frequency (MHz)
The inductor current ripple is typically set for 20% to
40% of the maximum inductor current. High frequency
ferrite core inductor materials reduce frequency dependent
power losses compared to cheaper powdered iron types,
improving efficiency. The inductor should have low ESR
(series resistance of the windings) to reduce the I2R power
losses, and must be able to support the peak inductor
current without saturating. Molded chokes and some
chip inductors usually do not have enough core area to
support the peak inductor currents of 900mA (500mA)
seen on the LTC3527/LTC3527-1. To minimize radiated
noise, use shielded inductors. See Table 1 for suggested
components and suppliers.
Output and Input Capacitor Selection
Low ESR (equivalent series resistance) capacitors should
be used to minimize output voltage ripple. Multilayer
ceramic capacitors are an excellent choice as they have
extremely low ESR and are available in small footprints.
A 4.7µF to 10µF output capacitor is sufficient for most
applications. Larger values up to 22µF may be used to
obtain lower output voltage ripple and improve transient
response. X5R and X7R dielectric materials are preferred
for their ability to maintain capacitance over wide voltage
and temperature ranges. Y5V types should not be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com