Electronic Components Datasheet Search
  English  ▼

X  

LTC3527 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3527
Description  Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3527 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3527 Datasheet HTML 10Page - Linear Technology LTC3527 Datasheet HTML 11Page - Linear Technology LTC3527 Datasheet HTML 12Page - Linear Technology LTC3527 Datasheet HTML 13Page - Linear Technology LTC3527 Datasheet HTML 14Page - Linear Technology LTC3527 Datasheet HTML 15Page - Linear Technology LTC3527 Datasheet HTML 16Page - Linear Technology LTC3527 Datasheet HTML 17Page - Linear Technology LTC3527 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC3527/LTC3527-1
14
35271f
Table 1. Recommended Inductors
VENDOR
PART/STYLE
L(µH)
MAXIMUM
CURRENT
(mA)
DCR
(Ω)
DIMENSIONS
L × W × H
(mm)
Coilcraft
www.coilcraft.com
MSS5131
MSS4020
ME3220
2.2-10
3.3-10
1-10
1900-870
1100-540
3000-780
0.023-0.083
0.085-0.210
0.05-0.90
5.1 × 5.1 × 1
4 × 4 × 2
3.2 × 2.5 × 2
Coiltronics
www.cooperet.com
SD10
SD12
1-10
1.2-10
1930-760
2450-818
0.045-0.289
0.037-0.284
5.2 × 5.2 × 1
5.2 × 5.2 × 1.2
FDK
www.fdk.com
MIP3226D
MIPF2520D
1.5-6.8
1.5-4.7
1400-1000
1500-1000
0.07-0.12
0.07-0.11
3.2 × 2.6 × 1
2.5 × 2 × 1
Murata
www.murata.com
LQH43C
LQH32C
1-10
1-4.7
1080-650
800-650
0.08-0.24
0.09-0.15
4.5 × 3.2 × 2.6
3.2 × 2.5 × 2
Sumida
www.sumida.com
CDRH3D16
CDRH2D14
4.7-15
4.7-12
900-450
680-420
0.11-0.29
0.12-0.32
3.8 × 3.8 × 1.8
3.2 × 3.2 × 1.5
TDK
www.global.tdk.co.jp
VLF3010A
VLF5012A
1.5-10
2.2-10
1200-490
1500-800
0.068-0.58
0.090-0.30
2.6 × 2.8 × 1
4.5 × 4.7 × 1.2
Taiyo Yuden
www.t-yuden.com
NR3010
NR3015
4.7-15
4.7-15
750-400
1000-560
0.19-0.74
0.12-0.36
3 × 3 × 1
3 × 3 × 1.5
Table 2. Capacitor Vendor Information
SUPPLIER
PHONE
WEBSITE
AVX
(803) 448-9411
www.avxcorp.com
Murata
(714) 852-2001
www.murata.com
Taiyo-Yuden
(408) 573-4150
www.t-yuden.com
TDK
(847) 803-6100
www.component.tdk.com
The internal loop compensation of the LTC3527/
LTC3527-1 is designed to be stable with output capacitor
values of 4.7µF or greater. Although ceramic capacitors
are recommended, low ESR tantalum capacitors may be
used as well.
A small ceramic capacitor in parallel with a larger tantalum
capacitor may be used in demanding applications which
have large load transients. Another method of improving
the transient response is to add a small feed-forward
capacitor across the top resistor of the feedback divider
[from VOUT1 (VOUT2) to FB1 (FB2)]. A typical value of 22pF
will generally suffice.
Low ESR input capacitors reduce input switching noise and
reduce the peak current drawn from the battery. It follows
that ceramic capacitors are also a good choice for input
decoupling and should be located as close as possible to
the device. A 2.2µF input capacitor is sufficient for most
applications, although larger values may be used without
limitations. Table 2 shows a list of several ceramic capaci-
tor manufacturers. Consult the manufacturers directly for
detailed information on their selection of ceramic parts.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com