Electronic Components Datasheet Search
  English  ▼

X  

LTC3527 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3527
Description  Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3527 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3527 Datasheet HTML 12Page - Linear Technology LTC3527 Datasheet HTML 13Page - Linear Technology LTC3527 Datasheet HTML 14Page - Linear Technology LTC3527 Datasheet HTML 15Page - Linear Technology LTC3527 Datasheet HTML 16Page - Linear Technology LTC3527 Datasheet HTML 17Page - Linear Technology LTC3527 Datasheet HTML 18Page - Linear Technology LTC3527 Datasheet HTML 19Page - Linear Technology LTC3527 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LTC3527/LTC3527-1
18
35271f
TYPICAL APPLICATIONS
1.2MHz, 2-Cell to VOUT1 = 5V, VOUT2 = 3.3V
Boost 1 Efficiency
Boost 2 Efficiency
35271 TA05
+
+
ON
OFF
CIN
4.7
µF
10
µH
4.7
µH
COUT2
4.7
µF
COUT1
4.7
µF
1.8V TO 3.2V
L: SUMIDA CDRH3D164R7
CIN, COUT: TAIYO YUDEN X5R JMK212BJ475MD
SW1
VOUT1
VOUT2
VIN1
VIN
VIN2
FB1
PGOOD1
SHDN1
SW2
FB2
PGOOD2
SHDN2
MODE
GND
FSEL
ALKALINE
CELLS
3.24M
1.02M
1.78M
1M
ON
OFF
VOUT
5V
300mA
VOUT
3.3V
200mA
LOAD CURRENT (mA)
40
50
70
90
100
0.01
1
10
1000
30
0.1
100
80
60
20
35271 TA05b
3V
2.4V
1.8V
BURST
FIXED
1.8V
3V
2.4V
LOAD CURRENT (mA)
40
50
70
90
100
0.01
1
10
1000
30
0.1
100
80
60
20
35271 G05
3V
2.4V
BURST
FIXED
1.8V
3V
2.4V
1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com