Electronic Components Datasheet Search
  English  ▼

X  

BQ4285LS Datasheet(PDF) 16 Page - Texas Instruments

Part # BQ4285LS
Description  Enhanced RTC With NVRAM Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4285LS Datasheet(HTML) 16 Page - Texas Instruments

Back Button BQ4285LS Datasheet HTML 12Page - Texas Instruments BQ4285LS Datasheet HTML 13Page - Texas Instruments BQ4285LS Datasheet HTML 14Page - Texas Instruments BQ4285LS Datasheet HTML 15Page - Texas Instruments BQ4285LS Datasheet HTML 16Page - Texas Instruments BQ4285LS Datasheet HTML 17Page - Texas Instruments BQ4285LS Datasheet HTML 18Page - Texas Instruments BQ4285LS Datasheet HTML 19Page - Texas Instruments BQ4285LS Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
16
Capacitance—bq4285E/L (TA = 25°C, F = 1MHz, VCC = 5.0V)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Conditions
CI/O
Input/output capacitance
-
-
7
pF
VOUT = 0V
CIN
Input capacitance
-
-
5
pF
VIN = 0V
Note:
This parameter is sampled and not 100% tested. It does not include the X1 or X2 pin.
except INT
For all outputs
OL-10
510
50pF
+5V
960
Figure 5. Output Load A—bq4285E
INT
OL-11
130pF
+5V
1.15K
Figure 6. Output Load B—bq4285E
AC Test Conditions—bq4285E
Parameter
Test Conditions
Input pulse levels
0 to 3.0 V
Input rise and fall times
5 ns
Input and output timing reference levels
1.5 V (unless otherwise specified)
Output load (including scope and jig)
See Figures 5 and 6
bq4285E/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com