Electronic Components Datasheet Search
  English  ▼

X  

BQ4285LS Datasheet(PDF) 25 Page - Texas Instruments

Part # BQ4285LS
Description  Enhanced RTC With NVRAM Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4285LS Datasheet(HTML) 25 Page - Texas Instruments

Back Button BQ4285LS Datasheet HTML 21Page - Texas Instruments BQ4285LS Datasheet HTML 22Page - Texas Instruments BQ4285LS Datasheet HTML 23Page - Texas Instruments BQ4285LS Datasheet HTML 24Page - Texas Instruments BQ4285LS Datasheet HTML 25Page - Texas Instruments BQ4285LS Datasheet HTML 26Page - Texas Instruments BQ4285LS Datasheet HTML 27Page - Texas Instruments BQ4285LS Datasheet HTML 28Page - Texas Instruments BQ4285LS Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
25
bq4285E/bq4285L
P: 24-Pin DIP (0.600")
24-Pin P (0.600" DIP)
Dimension
Inches
Millimeters
Min.
Max.
Min.
Max.
A
0.160
0.190
4.06
4.83
A1
0.015
0.040
0.38
1.02
B
0.015
0.022
0.38
0.56
B1
0.045
0.065
1.14
1.65
C
0.008
0.013
0.20
0.33
D
1.240
1.280
31.50
32.51
E
0.600
0.625
15.24
15.88
E1
0.530
0.570
13.46
14.48
e
0.600
0.670
15.24
17.02
G
0.090
0.110
2.29
2.79
L
0.115
0.150
2.92
3.81
S
0.070
0.090
1.78
2.29
e
B
.004
L
D
E
H
C
A1
A
S: 24-Pin SOIC (0.300")
24-Pin S (0.300" SOIC)
Dimension
Inches
Millimeters
Min.
Max.
Min.
Max.
A
0.095
0.105
2.41
2.67
A1
0.004
0.012
0.10
0.30
B
0.013
0.020
0.33
0.51
C
0.008
0.013
0.20
0.33
D
0.600
0.615
15.24
15.62
E
0.290
0.305
7.37
7.75
e
0.045
0.055
1.14
1.40
H
0.395
0.415
10.03
10.54
L
0.020
0.040
0.51
1.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com