Electronic Components Datasheet Search
  English  ▼

X  

LTC3539 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3539
Description  2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3539 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3539 Datasheet HTML 4Page - Linear Technology LTC3539 Datasheet HTML 5Page - Linear Technology LTC3539 Datasheet HTML 6Page - Linear Technology LTC3539 Datasheet HTML 7Page - Linear Technology LTC3539 Datasheet HTML 8Page - Linear Technology LTC3539 Datasheet HTML 9Page - Linear Technology LTC3539 Datasheet HTML 10Page - Linear Technology LTC3539 Datasheet HTML 11Page - Linear Technology LTC3539 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC3539/LTC3539-2
9
3539f
APPLICATIONS INFORMATION
VIN > VOUT Operation
The LTC3539 will maintain output voltage regulation
even when the input voltage is above the desired output.
Note that the efficiency and the maximum output current
capability are reduced. Refer to Typical Performance
Characteristics.
Short-Circuit Protection
The LTC3539 output disconnect feature allows an output
short circuit while maintaining a maximum internally set
current limit. To reduce power dissipation under short-
circuit conditions, the peak switch current limit is reduced
to 1.4A (typical).
Schottky Diode
Although it is not required, adding a Schottky diode from
SW to VOUT will improve efficiency by about 2%. Note that
this defeats the output disconnect, VIN > VOUT operation
and short circuit protection features.
PCB LAYOUT GUIDELINES
The high speed operation of the LTC3539 demands careful
attention to board layout. A careless layout will result in
reduced performance. Figure 1 shows the recommended
component placement. A large ground pin copper area will
help to lower the die temperature. A multilayer board with
a separate ground plane is ideal.
COMPONENT SELECTION
Inductor Selection
The LTC3539 can utilize small surface mount and chip
inductors due to the high switching frequency. Inductor
values between 3.3μH and 4.7μH for the LTC3539 and
between 1.5μH and 2.5μH for the LTC3539-2 are suitable
for most applications*. Larger values of inductance will
allow slightly greater output current capability (and lower
the Burst Mode threshold) by reducing the inductor ripple
current. However, increasing the inductance above 10μH
will increase size while providing little improvement in
output current capability.
The minimum inductance value is given by:
L>
VV
V
Ripple V
IN MIN
OUT MAX
IN MIN
OU
()
(
)
()
•(
)
•
−
T
TMAX
f
() •
Where:
f = 1 for the LTC3539 or 2.2 for the LTC3539-2
Ripple = allowable inductor current ripple (Amps
peak-to-peak)
VIN(MIN) = minimum input voltage
VOUT(MAX) = maximum output voltage
The inductor current ripple is typically set for 20% to 40%
of the maximum inductor current. High frequency ferrite
core inductor materials improve efficiency by reducing
frequency dependent power losses compared to cheaper
powdered iron types. The inductor should have low ESR
(series resistance of the windings) to reduce the I2R power
losses, and must accomodate the peak inductor current
without saturating. Molded chokes and some chip inductors
usually do not have enough core area to support the peak
inductor current of 2.6A seen on the LTC3539. To minimize
radiated noise, use a shielded inductor. See Table 1 for
suggested suppliers and representative components.
Figure 1. Recommended Component Placement for
Single Layer Board
+
SW
LTC3539
1
GND
MINIMIZE
TRACE ON FB
AND SW
3
PGND 2
VIN
MULTIPLE VIAS
TO GROUND PLANE
VIN
VOUT
FB
SHDN
3539 F01
4
8
6
MODE
7
5
*Single cell applications (VIN < 1.6V) should use a 2.2μH inductor for the LTC3539



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com