Electronic Components Datasheet Search
  English  ▼

X  

LTC3539 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3539
Description  2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3539 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3539 Datasheet HTML 2Page - Linear Technology LTC3539 Datasheet HTML 3Page - Linear Technology LTC3539 Datasheet HTML 4Page - Linear Technology LTC3539 Datasheet HTML 5Page - Linear Technology LTC3539 Datasheet HTML 6Page - Linear Technology LTC3539 Datasheet HTML 7Page - Linear Technology LTC3539 Datasheet HTML 8Page - Linear Technology LTC3539 Datasheet HTML 9Page - Linear Technology LTC3539 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC3539/LTC3539-2
6
3539f
BLOCK DIAGRAM
PIN FUNCTIONS
SW (Pin 1): Switch Pin. Connect inductor between SW
and VIN. Keep PCB trace lengths as short and wide as pos-
sible to reduce EMI. If the inductor current falls to zero,
or SHDN is low, an internal anti-ring resistor is connected
from SW to VIN to minimize EMI.
PGND (Pin 2), GND (Pin 3): Signal and Power Ground.
Provide a short direct PCB path between PGND, GND and
the (–) side of the input and output capacitors.
VIN (Pin 4): Battery Input Voltage. Connect a minimum
of 2.2μF ceramic decoupling capacitor from this pin to
ground.
SHDN (Pin 5): Logic Controlled Shutdown Input. There
is an internal 4MΩ pull-down on this pin.
SHDN = High: Normal operation.
SHDN = Low: Shutdown, quiescent current <1μA.
FB (Pin 6): Feedback Input to the gm Error Amplifier. Con-
nect resistor divider tap to this pin. The output voltage
can be adjusted from 1.5V to 5.25V by: VOUT = 1.20V •
[1 + (R2/R1)]
MODE (Pin 7): Burst Mode Pin. A logic controlled input
to select either automatic Burst Mode operation or forced
fixed frequency operation.
MODE = High: Burst Mode operation at light loads
MODE = Low: Fixed frequency PWM Mode
VOUT (Pin 8): Output Voltage Sense and Drain of the
Internal Synchronous Rectifier. PCB trace length from
VOUT to the output filter capacitor should be as short and
wide as possible.
Exposed Pad (Pin 9): The exposed pad must be soldered
to the PCB ground plane. It serves as another ground
connection, and as a means of conducting heat away
from the die.
3539 BD
SW
SHDN
VOUT
VOUT
EXPOSED PAD
WAKE
BURST
IZERO
SOFT-START
ERROR
AMPLIFIER/SLEEP
COMPARATOR
IPK
COMPARATOR
IZERO
COMPARATOR
SLOPE
COMPARATOR
IPK
GND
VIN
VIN
MODE
FB
FB
R2
LOGIC AND
BURST MODE
CONTROL
GATE DRIVERS
AND
ANTI-CROSS
CONDUCTION
THERMAL
SHUTDOWN
START-UP
CLAMP
SHUTDOWN
SHUTDOWN
VBEST
VOUT
VB
VSEL
UVLO
UVLO
TSD
VREF
VREF
VREF
WELL
SWITCH
R1
1MHz/2MHz
OSC
CLK
BURST
PWM
ON
OFF
1
4
8
6
3
PGND
2
9
7
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com