Electronic Components Datasheet Search
  English  ▼

X  

LTC3539 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3539
Description  2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3539 Datasheet(HTML) 4 Page - Linear Technology

  LTC3539 Datasheet HTML 1Page - Linear Technology LTC3539 Datasheet HTML 2Page - Linear Technology LTC3539 Datasheet HTML 3Page - Linear Technology LTC3539 Datasheet HTML 4Page - Linear Technology LTC3539 Datasheet HTML 5Page - Linear Technology LTC3539 Datasheet HTML 6Page - Linear Technology LTC3539 Datasheet HTML 7Page - Linear Technology LTC3539 Datasheet HTML 8Page - Linear Technology LTC3539 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC3539/LTC3539-2
4
3539f
VIN (V)
2000
200
1800
1400
1000
600
1600
1200
800
400
0
3539 G05
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5V
0.5
1.5
2.5
1.0
2.0
3.5
5.0
4.5
3.0
4.0
VIN (V)
100
10
90
70
50
30
80
60
40
20
0
3539 G04
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5V
0.5
1.5
2.5
1.0
2.0
3.5
4.5
3.0
4.0
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current and
VIN, VOUT = 1.8V
Efficiency vs Load Current and
VIN, VOUT = 3.3V
Efficiency vs Load Current and
VIN, VOUT = 5V
No Load Input Current vs VIN
Maximum Output Current vs VIN
LOAD CURRENT (mA)
100
10
90
70
50
30
80
60
40
20
0
1000
100
10
1
0.1
0.01
3539 G01
VIN = 1V
VIN = 1.2V
VIN = 1.5V
POWER LOSS
EFFICIENCY
0.1
100
1000
10
1
LOAD CURRENT (mA)
100
10
90
70
50
30
80
60
40
20
0
3539 G02
VIN = 1.2V
VIN = 1.8V
VIN = 3V
POWER LOSS
EFFICIENCY
0.1
100
1000
10
1
0.1
1
10
100
1000
0.1
1
10
100
1000
LOAD CURRENT (mA)
100
10
90
70
50
30
80
60
40
20
0
3539 G03
VIN = 2.4V
VIN = 3.6V
VIN = 4.2V
POWER LOSS
EFFICIENCY
0.1
100
1000
10
1
Minimum Load Resistance During
Start-Up vs VIN
Burst Mode Threshold Current vs
VIN and VOUT
0.65
0.85
1.05
0.75
0.95
1.15
VIN (V)
3539 G06
10000
1000
100
10
0.1
VOUT = 3.3V
INPUT VOLTAGE (V)
60
50
30
10
40
20
0
3539 G11
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5V
0.5
0
1.5
2.5
1.0
2.0
3.5
4.5
3.0
4.0
(TA = 25°C unless otherwise noted)
Normalized Current Limit vs VOUT
VOUT (V)
1.10
1.05
0.95
0.85
1.00
0.90
0.80
3539 G16
1.0
1.5
2.5
2.0
3.5
5.0
4.5
3.0
4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com