Electronic Components Datasheet Search
  English  ▼

X  

CD4066 Datasheet(PDF) 8 Page - Texas Instruments

Part # CD4066
Description  CMOS QUAD BILATERAL SWITCH
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4066 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD4066 Datasheet HTML 4Page - Texas Instruments CD4066 Datasheet HTML 5Page - Texas Instruments CD4066 Datasheet HTML 6Page - Texas Instruments CD4066 Datasheet HTML 7Page - Texas Instruments CD4066 Datasheet HTML 8Page - Texas Instruments CD4066 Datasheet HTML 9Page - Texas Instruments CD4066 Datasheet HTML 10Page - Texas Instruments CD4066 Datasheet HTML 11Page - Texas Instruments CD4066 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
CD4066B
CMOS QUAD BILATERAL SWITCH
SCHS051D – NOVEMBER 1998 – REVISED SEPTEMBER 2003
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
VDD = 5 V
VC = –5 V
VSS = –5 V
Cios
Cis
Cos
CD4066B
1 of 4
Switches
Measured on Boonton capacitance bridge, model 75a (1 MHz);
test-fixture capacitance nulled out.
92CS-30921
Figure 10. Typical On Characteristics
for One of Four Channels
VDD
VC = VSS
Vos
VSS
CD4066B
1 of 4
Switches
Vis = VDD
I
92CS-30922
Figure 11. Off-Switch Input or Output Leakage
All unused terminals are connected to VSS.
VDD
VC = VDD
Vos
VSS
CD4066B
1 of 4
Switches
Vis
Figure 12. Propagation Delay Time Signal Input
(Vis) to Signal Output (Vos)
92CS-30923
200 k
Ω
50 pF
VDD
tr = tf = 20 ns
All unused terminals are connected to VSS.
VDD
VC
Vos
VSS
CD4066B
1 of 4
Switches
Vis
Figure 13. Crosstalk-Control Input
to Signal Output
+10 V
tr = tf = 20 ns
92CS-30924
10 k
Ω
1 k
Ω
All unused terminals are connected to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com