Electronic Components Datasheet Search
  English  ▼

X  

LTC4009 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4009
Description  High Effi ciency, Multi-Chemistry Battery Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4009 Datasheet(HTML) 1 Page - Linear Technology

  LTC4009 Datasheet HTML 1Page - Linear Technology LTC4009 Datasheet HTML 2Page - Linear Technology LTC4009 Datasheet HTML 3Page - Linear Technology LTC4009 Datasheet HTML 4Page - Linear Technology LTC4009 Datasheet HTML 5Page - Linear Technology LTC4009 Datasheet HTML 6Page - Linear Technology LTC4009 Datasheet HTML 7Page - Linear Technology LTC4009 Datasheet HTML 8Page - Linear Technology LTC4009 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
4009fb
LTC4009
LTC4009-1/LTC4009-2
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
High Efficiency,
Multi-Chemistry
Battery Charger
The LTC4009 is a constant-current/constant-voltage battery
charger controller. It uses a synchronous quasi-constant
frequency PWM control architecture that will not generate
audible noise with ceramic bulk capacitors. Charge cur-
rent is set by the combination of external sense, input and
programming resistors. With no built-in termination, the
LTC4009 family charges a wide range of batteries under
external control.
TheLTC4009featuresafullyadjustableoutputvoltage,while
the LTC4009-1 and LTC4009-2 can be pin-programmed for
lithium-ion/polymer battery packs of 1-, 2-, 3- or 4-series
cells. The LTC4009-1 provides output voltage of 4.1V/cell,
and the LTC4009-2 is a 4.2V/cell version.
The device includes AC adapter input current limiting which
maximizes the charge rate for a fixed input power level. An
external sense resistor programs the input current limit, and
the ICL status pin indicates when the battery charge current
is being reduced as a result of AC adapter current limiting.
The CHRG status pin is active during all charging modes,
including special indication for low charge current.
n General Purpose Battery Charger Controller
n Efficient 550kHz Synchronous Buck PWM Topology
n ±0.5% Output Float Voltage Accuracy
n Programmable Charge Current: 4% Accuracy
n Programmable AC Adapter Current Limit:
3% Accuracy
n No Audible Noise with Ceramic Capacitors
n Wide Input Voltage Range: 6V to 28V
n Wide Output Voltage Range: 2V to 28V
n Indicator Outputs for AC Adapter Present, Charging,
C/10 Current Detection and Input Current Limiting
n Analog Charge Current Monitor
n Micropower Shutdown
n Thermally Enhanced 20-Pin 4mm
× 4mm × 0.75mm
QFN Package
n Notebook Computers
n Portable Instruments
n Battery Backup Systems
Efficiency at DCIN = 20V
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 5723970.
CLP
FROM
ADAPTER
13V TO 20V
CHARGE
CURRENT
MONITOR
0.1μF
5.1k
33mΩ
3.01k
0.1μF
6.8μH
33mΩ
DCIN
0.1μF
2μF
0.1μF
14.3k
1.5k
6.04k
301k
32.8k
26.7k
LTC4009
DCDIV
CHRG
ACP
ICL
SHDN
ITH
PROG
CLN
BOOST
TGATE
SW
INTVDD
BGATE
TO/FROM
MCU
GND
CSP
CSN
BAT
FBDIV
VFB
20μF
POWER TO
SYSTEM
4.7nF
20μF
4009 TA01a
12.3V
Li-Ion
BATTERY
3.01k
+
CHARGE CURRENT (A)
0
70
75
80
85
90
100
100
1000
10000
0.5
1.0
1.5
2.0
4009 TA01b
2.5
3.0
95
EFFICIENCY
POWER LOSS
VFLOAT = 12.3V
RSENSE = 33mΩ
RIN = 3.01k
RPROG = 26.7k
DIN = SSB44
L = IHLP-2525CZ 6.8μH


Similar Part No. - LTC4009

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4009 LINER-LTC4009 Datasheet
433Kb / 40P
High Voltage High Current Controller for Battery Charging and Power Management
LTC4009 LINER-LTC4009 Datasheet
477Kb / 40P
High Voltage High Current Controller for Battery Charging with Maximum Power Point Control
LTC4009 LINER-LTC4009 Datasheet
332Kb / 24P
Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
logo
Analog Devices
LTC4009 AD-LTC4009 Datasheet
714Kb / 18P
Ultra-Low Power Battery Gas Gauge
Rev. 0
logo
Linear Technology
LTC4009-1 LINER-LTC4009-1 Datasheet
332Kb / 24P
Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
More results

Similar Description - LTC4009

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4088 LINER-LTC4088 Datasheet
276Kb / 24P
High Effi ciency Battery Charger/USB Power Manager
LTC4012 LINER-LTC4012 Datasheet
326Kb / 28P
High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4007 LINER-LTC4007_15 Datasheet
231Kb / 24P
4A, High Effi ciency, Standalone Li-Ion Battery Charger
LTC4008 LINER-LTC4008_15 Datasheet
232Kb / 24P
4A, High Effi ciency, Multi-Chemistry Battery Charger
LTC4009 LINER-LTC4009_15 Datasheet
361Kb / 28P
High Efficiency, Multi-Chemistry Battery Charger
LTC4009-1 LINER-LTC4009-1_15 Datasheet
361Kb / 28P
High Efficiency, Multi-Chemistry Battery Charger
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
High Efficiency, Multi-Chemistry Battery Charger
logo
Shanghai Consonance Ele...
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
Multi-Chemistry Battery Charger
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
Multi-Chemistry Battery Charger
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com