Electronic Components Datasheet Search
  English  ▼

X  

LTC4009 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC4009
Description  High Effi ciency, Multi-Chemistry Battery Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4009 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC4009 Datasheet HTML 19Page - Linear Technology LTC4009 Datasheet HTML 20Page - Linear Technology LTC4009 Datasheet HTML 21Page - Linear Technology LTC4009 Datasheet HTML 22Page - Linear Technology LTC4009 Datasheet HTML 23Page - Linear Technology LTC4009 Datasheet HTML 24Page - Linear Technology LTC4009 Datasheet HTML 25Page - Linear Technology LTC4009 Datasheet HTML 26Page - Linear Technology LTC4009 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
23
4009fb
LTC4009
LTC4009-1/LTC4009-2
The LTC4009 uses an improved adaptive TGATE and
BGATE drive that is insensitive to MOSFET inertial delays,
td(ON/OFF), to avoid overlap conduction losses. Switching
characteristics from power MOSFET data sheets apply
only to a specific test fixture, so there is no substitute for
bench evaluation of external FETs in the target application.
In general, MOSFETs with lower inertial delays will yield
higher efficiency.
Diode Selection
A Schottky diode in parallel with the bottom FET and/or
top FET in an LTC4009 application clamps SW during the
non-overlap times between conduction of the top and
bottom FET switches. This prevents the body diode of the
MOSFETs from forward biasing and storing charge, which
could reduce efficiency as much as 1%. One or both diodes
can be omitted if the efficiency loss can be tolerated. A 1A
Schottky is generally a good size for 3A chargers due to the
low duty cycle of the non-overlap times. Larger diodes can
actually result in additional efficiency (transition) losses
due to larger junction capacitance.
Loop Compensation and Soft-Start
The three separate PWM control loops of the LTC4009
can be compensated by a single set of components at-
tached between the ITH pin and GND. As shown in the
typical LTC4009 application, a 6.04k resistor in series
with a capacitor of at least 0.1μF provides adequate loop
compensation for the majority of applications.
The LTC4009 can be soft-started with the compensation
capacitor on the ITH pin. At start-up, ITH will quickly rise
to about 0.25V, then ramp up at a rate set by the com-
pensation capacitor and the 40μA ITH bias current. The
full programmed charge current will be reached when ITH
reaches approximately 2V. With a 0.1μF capacitor, the time
to reach full charge current is usually greater than 1.5ms.
This capacitor can be increased if longer start-up times
are required, but loop bandwidth and dynamic response
will be reduced.
INTVDD Regulator Output
Bypass the INTVDD regulator output to GND with a low
ESR X5R or X7R ceramic capacitor with a value of 0.47μF
or larger. The capacitor used to build the BOOST supply
(C2 in Figure 11) can serve as this bypass. Do not draw
more than 30mA from this regulator for the host system,
governed by IC power dissipation.
Calculating IC Power Dissipation
The user should ensure that the maximum rated junction
temperature is not exceeded under all operating conditions.
The thermal resistance of the LTC4009 package (
θJA) is
37°C/W, provided the Exposed Pad is in good thermal
contact with the PCB. The actual thermal resistance in
the application will depend on forced air cooling and other
heat sinking means, especially the amount of copper on
the PCB to which the LTC4009 is attached. The following
formula may be used to estimate the maximum average
power dissipation PD (in watts) of the LTC4009, which is
dependent upon the gate charge of the external MOSFETs.
This gate charge, which is a function of both gate and drain
voltage swings, is determined from specifications or graphs
in the manufacturer’s data sheet. For the equation below,
find the gate charge for each transistor assuming 5V gate
swing and a drain voltage swing equal to the maximum
VCLP voltage. Maximum LTC4009 power dissipation under
normal operating conditions is then given by:
PD = DCIN(2.8mA + IDD + 665kHz(QTGATE + QBGATE))
– 5IDD
where:
IDD = Average external INTVDD load current, if any
QTGATE = Gate charge of external top FET in Coulombs
QBGATE = Gate charge of external bottom FET in
Coulombs
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com