Electronic Components Datasheet Search
  English  ▼

X  

LTC4009 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4009
Description  High Effi ciency, Multi-Chemistry Battery Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4009 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4009 Datasheet HTML 14Page - Linear Technology LTC4009 Datasheet HTML 15Page - Linear Technology LTC4009 Datasheet HTML 16Page - Linear Technology LTC4009 Datasheet HTML 17Page - Linear Technology LTC4009 Datasheet HTML 18Page - Linear Technology LTC4009 Datasheet HTML 19Page - Linear Technology LTC4009 Datasheet HTML 20Page - Linear Technology LTC4009 Datasheet HTML 21Page - Linear Technology LTC4009 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTC4009
LTC4009-1/LTC4009-2
18
4009fb
APPLICATIONS INFORMATION
limit value. The second is to make the input current limit
value programmable.
The overall accuracy of this circuit needs to be better than
the power source current tolerance or be margined such
that the worse-case error remains under the power source
limits. The accuracy of the Figure 7 circuit is a function of
the INTVDD, VBE, RCL, RF, R1 and R3 tolerances. To improve
accuracy, the tolerance of RF should be changed from
5.1k, 5% to a 2.49k 1% resistor. RCL and the programming
resistors R1 and R3 should also be 1% tolerance such
that the dominant error is INTVDD (±3%). Bias resistor R2
can be 5%. When choosing NPN transistors, both need
to have good gain (>100) at 10μA levels. Low gain NPNs
will increase programming errors. Q1 must be a matched
NPN pair. Since RF has been reduced in value by half, the
capacitor value of CF should double to 0.22μF to remain
effective at filtering out any noise.
If you wish to reduce RCL power dissipation for a given
current limit, the programming equation becomes:
R
mV
k
R
I
CL
LIM
=
⎛
⎝⎜
⎞
⎠⎟
100
52 49
1
–
•.
If you wish to make the input current limit programmable,
the equation becomes:
I
mV
k
R
R
LIM
CL
=
⎛
⎝⎜
⎞
⎠⎟
100
52 49
1
–
•.
The equation governing R2 for both applications is based
on the value of R1. R3 should always be equal to R1.
R2 = 0.875 • R1
In many notebook applications, there are situations
where two different ILIM values are needed to allow two
different power adapters or power sources to be used.
In such cases, start by setting RLIM for the high power
ILIM configuration and then use Figure 7 to set the lower
ILIM value. To toggle between the two ILIM values, take
the three ground connections shown in Figure 7, combine
them into one common connection and use a small-signal
NFET (2N7002) to open or close that common connec-
tion to circuit ground. When the NFET is off, the circuit
is defeated (floating) allowing ILIM to be the maximum
value. When the NFET is on, the circuit will become active
and ILIM will drop to the lower set value.
Monitoring Charge Current
The PROG pin voltage can be used to indicate charge cur-
rent where 1.2085V indicates full programmed current (1C)
and zero charge current is approximately equal to RPROG •
11.67μA. PROG voltage varies in direct proportion to the
charge current between this zero-current (offset) value and
1.2085V. When monitoring the PROG pin voltage, using a
buffer amplifier as shown in Figure 8 will minimize charge
current errors. The buffer amplifier may be powered from
the INTVDD pin or any supply that is always on when the
charger is on.
Figure 8. PROG Voltage Buffer
17
13
INTVDD
PROG
<30nA
LTC4009
4009 F08
TO SYSTEM
MONITOR
C/10 CHRG Indicator
The value chosen for RPROG has a strong influence on
charge current monitoring and the accuracy of the C/10
charge indicator output (CHRG). The LTC4009 uses the
voltage on the PROG pin to determine when charge current
has dropped to the C/10 threshold. The nominal threshold
of 400mV produces an accurate low charge current indi-
cation of C/10 as long as RPROG = 26.7k, independent of
all other current programming considerations. However,
it may sometimes be necessary to deviate from this value
to satisfy other application design goals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com