Electronic Components Datasheet Search
  English  ▼

X  

S25FL032P Datasheet(PDF) 39 Page - SPANSION

Part # S25FL032P
Description  32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL032P Datasheet(HTML) 39 Page - SPANSION

Back Button S25FL032P Datasheet HTML 35Page - SPANSION S25FL032P Datasheet HTML 36Page - SPANSION S25FL032P Datasheet HTML 37Page - SPANSION S25FL032P Datasheet HTML 38Page - SPANSION S25FL032P Datasheet HTML 39Page - SPANSION S25FL032P Datasheet HTML 40Page - SPANSION S25FL032P Datasheet HTML 41Page - SPANSION S25FL032P Datasheet HTML 42Page - SPANSION S25FL032P Datasheet HTML 43Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
February 12, 2009 S25FL032P_00_02
S25FL032P
39
Data
Sheet
(Preliminar y )
Figure 9.16 Write Registers (WRR) Instruction Sequence – 16 data bits
Note
As defined by the values in the Block Protect (BP2, BP1, BP0) bits of the Status Register, as shown in Table 7.2 on page 17.
Table 9.9 shows that neither W#/ACC or SRWD bit by themselves can enable HPM. The device can enter
HPM either by setting the SRWD bit after driving W#/ACC low, or by driving W#/ACC low after setting the
SRWD bit. However, the device disables HPM only when W#/ACC is driven high.
Note that HPM only protects against changes to the status register. Since BP2:BP0 cannot be changed in
HPM, the size of the protected area of the memory array cannot be changed. Note that HPM provides no
protection to the memory array area outside that specified by BP2:BP0 (Software Protected Mode, or SPM).
If W#/ACC is permanently tied high, HPM can never be activated, and only the SPM (BP2:BP0 bits of the
Status Register) can be used.
The Status and Configuration registers originally default to 00h, when the device is first shipped from the
factory to the customer.
Table 9.9 Protection Modes
W#/
ACC
SRWD
Bit
Mode
Write Protection of Registers
Memory Content
Protected Area
Unprotected Area
11
Software
Protected
(SPM)
Status & Configuration Registers are Writable
(if WREN instruction has set the WEL bit). The
values in the SRWD, BP2, BP1, & BP0 bits &
those in the Configuration Register can be
changed
Protected against Page
Program, Quad Page
Program, Parameter
Sector Erase, Sector
Erase, and Bulk Erase
Ready to accept Page
Program, Quad Page
Program, Parameter
Sector Erase, & Sector
Erase instructions
10
00
01
Hardware
Protected
(HPM)
Status & Configuration Registers are Hardware
Write Protected. The values in the SRWD,
BP2, BP1, & BP0 bits & those in the
Configuration Register cannot be changed
Protected against Page
Program, Quad Input
Program, Sector Erase,
and Bulk Erase
Ready to accept Page
Program, Quad Input
Program & Sector Erase
instructions
IInstruction
Status Register In
1
3
2
10
9
8
7
6
5
4
0
14
13
12
11
15
1
3
2
0
7
6
5
4
SCK
SI
SO
MSB
High Impedance
CS
S#
Configuration Register In
18
17
16
22
21
20
19
23
1
3
2
0
7
6
5
4
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com