Electronic Components Datasheet Search
  English  ▼

X  

S25FL032P Datasheet(PDF) 49 Page - SPANSION

Part # S25FL032P
Description  32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL032P Datasheet(HTML) 49 Page - SPANSION

Back Button S25FL032P Datasheet HTML 45Page - SPANSION S25FL032P Datasheet HTML 46Page - SPANSION S25FL032P Datasheet HTML 47Page - SPANSION S25FL032P Datasheet HTML 48Page - SPANSION S25FL032P Datasheet HTML 49Page - SPANSION S25FL032P Datasheet HTML 50Page - SPANSION S25FL032P Datasheet HTML 51Page - SPANSION S25FL032P Datasheet HTML 52Page - SPANSION S25FL032P Datasheet HTML 53Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
February 12, 2009 S25FL032P_00_02
S25FL032P
49
Data
Sheet
(Preliminar y )
10. OTP Regions
The OTP Regions are separately addressable from the main array and consists of two 8-byte (ESN), thirty
16-byte, and one 10-byte regions that can be individually locked.
The two 8-byte regions enable permanent part identification through an Electronic Serial Number (ESN).
The customer can utilize the ESN to pair a Flash device with the system CPU/ASIC to prevent system
cloning. The Spansion factory programs and locks the lower 8-byte ESN with a 64-bit randomly generated,
unique number. The upper 8-byte ESN is left blank for customer use or, if special ordered, Spansion can
program (and lock) in a unique customer ID.
The thirty 16-byte and one 10-byte OTP regions are open for the customer usage.
The thirty 16-byte, one 10-byte, and upper 8-byte ESN OTP regions can be individually locked by the end
user. Once locked, the data cannot changed. The locking process is permanent and cannot be undone.
The following general conditions should be noted with respect to the OTP Regions:
On power-up, or following a hardware reset, the device reverts to sending commands to the normal
address space.
Reads outside of the OTP Regions will be ignored
The OTP Region is not accessible when the device is executing an Embedded Program or Embedded
Erase algorithm.
The ACC function is not available when the Secured Silicon Sector is enabled.
The two 8-byte ESN region is a special order part (please contact your local Spansion sales representative
for further details); otherwise, these regions are programmed to all zeroes and locked prior to shipping from
the Spansion factory. The thirty 16-byte and one 10-byte OTP regions are left open for customer usage, but
special care of the OTP locking must be maintained, or else a malevolent user can permanently lock the
OTP regions. This is not a concern, if the OTP regions are not used.
10.1
Programming OTP Address Space
The protocol of the OTP Program command (42h) is the same as the Page Program command. Refer to
Table 9.1 for the command description and protocol. The OTP Program command can be issued multiple
times to any given OTP address, but this address space can never be erased. After a given OTP region is
programmed, it can be locked to prevent further programming with the OTP lock bits (refer to Section 10.3).
The valid address range for OTP Program is depicted in the figure below. OTP Program operations outside
the valid OTP address range will be ignored.
10.2
Reading OTP Data
The protocol of the OTP Read command (4Bh) is the same as that of the Fast Read command. Refer to
Table 9.1 for the command description and protocol. The valid address range for OTP Reads is depicted in
the figure below. OTP Read operations outside the valid OTP address range will yield indeterminate data.
10.3
Locking OTP Regions
In order to permanently lock the ESN and OTP regions, individual bits at the specified addresses can be set
to lock specific regions of OTP memory, as highlighted in Figures 10.1 and 10.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com