Electronic Components Datasheet Search
  English  ▼

X  

S25FL032P Datasheet(PDF) 12 Page - SPANSION

Part # S25FL032P
Description  32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL032P Datasheet(HTML) 12 Page - SPANSION

Back Button S25FL032P Datasheet HTML 8Page - SPANSION S25FL032P Datasheet HTML 9Page - SPANSION S25FL032P Datasheet HTML 10Page - SPANSION S25FL032P Datasheet HTML 11Page - SPANSION S25FL032P Datasheet HTML 12Page - SPANSION S25FL032P Datasheet HTML 13Page - SPANSION S25FL032P Datasheet HTML 14Page - SPANSION S25FL032P Datasheet HTML 15Page - SPANSION S25FL032P Datasheet HTML 16Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
12
S25FL032P
S25FL032P_00_02 February 12, 2009
D a ta
Sheet
(Prel i m i nar y)
5.
Ordering Information
The ordering part number is formed by a valid combination of the following:
5.1
Valid Combinations
Table 5.1 lists the valid combinations configurations planned to be supported in volume for this device.
Note
1. The last OPN character “x” signifies the Packing type.
S25FL
032
P
0X
M
F
I
00
1
Packing Type (Note 1)
0
=
Tray
1
=
Tube
3
=
13” Tape and Reel
Model Number (Additional Ordering Options)
01
=
8-pin SO package / 8-contact USON package
00
=
16-pin SO package / 8-contact WSON package
Temperature Range
I
=
Industrial (–40°C to + 85°C)
Package Materials
F
=
Lead (Pb)-free
Package Type
M
=
8-pin / 16-pin SO package
N
=
8-contact USON / WSON package
Speed
0X
=
104 MHz
Device Technology
P
=
0.09 µm MirrorBit® Process Technology
Density
032 =
32 Mbit
Device Family
S25FL
Spansion Memory 3.0 Volt-only, Serial Peripheral Interface (SPI) Flash Memory
Table 5.1 S25FL032P Valid Combinations Table
S25FL032P Valid Combinations
Package Marking
Base Ordering
Part Number
Speed Option
Package &
Temperature
Model
Number
Packing Type
S25FL032P
0X
MFI
00, 01
0, 1, 3
FL032P + (Temp) + F
NFI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com