Electronic Components Datasheet Search
  English  ▼

X  

MHV2815S/ES Datasheet(PDF) 14 Page - Crane Aerospace & Electronics.

Part # MHV2815S/ES
Description  MHV Single, Dual and Triple DC/DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHV2815S/ES Datasheet(HTML) 14 Page - Crane Aerospace & Electronics.

Back Button MHV2815S/ES Datasheet HTML 6Page - Crane Aerospace & Electronics. MHV2815S/ES Datasheet HTML 7Page - Crane Aerospace & Electronics. MHV2815S/ES Datasheet HTML 8Page - Crane Aerospace & Electronics. MHV2815S/ES Datasheet HTML 9Page - Crane Aerospace & Electronics. MHV2815S/ES Datasheet HTML 10Page - Crane Aerospace & Electronics. MHV2815S/ES Datasheet HTML 11Page - Crane Aerospace & Electronics. MHV2815S/ES Datasheet HTML 12Page - Crane Aerospace & Electronics. MHV2815S/ES Datasheet HTML 13Page - Crane Aerospace & Electronics. MHV2815S/ES Datasheet HTML 14Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
MHV Single, Dual and Triple. Rev D - 20060710. This revision supercedes all previous releases. All technical information is believed to be accurate, but no respon-
sibility is assumed for errors or omissions. Interpoint reserves the right to make changes in products or specifications without notice. MHV Series is a trademark of
Interpoint. Copyright © 1994 - 2006 Interpoint Corporation. All rights reserved. www.craneae.com
Page 14 of 14
MHV Single, Dual and Triple DC/DC Converters
Crane Aerospace & Electronics Power Solutions
28 VOLT INPUT – 15 WATT
TEST
125°C
125°C
Class H
STANDARD
/ES
/883
non-QML
non-QML
QML
Pre-cap Inspection
Method 2017, 2032
yes
yes
yes
Temperature Cycle (10 times)
Method 1010, Cond. C, -65°C to 150°C, ambient
no
no
yes
Method 1010, Cond. B, -55°C to 125°C, ambient
no
yes
no
Constant Acceleration
Method 2001, 3000 g
no
no
yes
Method 2001, 500g
no
yes
no
Burn-In
Method 1015, 160 hours at 125°C case, typical
no
no
yes
96 hours at 125°C case, typical
no
yes
no
Final Electrical Test MIL-PRF-38534, Group A
Subgroups 1 through 6: -55°C, +25°C, +125°C case
no
no
yes
Subgroups 1 and 4: +25°C case
yes
yes
no
Hermeticity Test
Fine Leak, Method 1014, Cond. A
no
yes
yes
Gross Leak, Method 1014, Cond. C
no
yes
yes
Gross Leak, Dip (1 x 10-3)
yes
no
no
Final Visual Inspection
Method 2009
yes
yes
yes
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534.
883, CLASS H, QML PRODUCTS – ENVIRONMENTAL
SCREENING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com