Electronic Components Datasheet Search
  English  ▼

X  

MHV2815S/ES Datasheet(PDF) 4 Page - Crane Aerospace & Electronics.

Part # MHV2815S/ES
Description  MHV Single, Dual and Triple DC/DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHV2815S/ES Datasheet(HTML) 4 Page - Crane Aerospace & Electronics.

  MHV2815S/ES Datasheet HTML 1Page - Crane Aerospace & Electronics. MHV2815S/ES Datasheet HTML 2Page - Crane Aerospace & Electronics. MHV2815S/ES Datasheet HTML 3Page - Crane Aerospace & Electronics. MHV2815S/ES Datasheet HTML 4Page - Crane Aerospace & Electronics. MHV2815S/ES Datasheet HTML 5Page - Crane Aerospace & Electronics. MHV2815S/ES Datasheet HTML 6Page - Crane Aerospace & Electronics. MHV2815S/ES Datasheet HTML 7Page - Crane Aerospace & Electronics. MHV2815S/ES Datasheet HTML 8Page - Crane Aerospace & Electronics. MHV2815S/ES Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MHV Single, Dual and Triple DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 4 of 14
Rev D- 20060710
www.craneae.com
28 VOLT INPUT – 15 WATT
TRIM – SINGLE OUTPUT MODELS ONLY
Formula Values by Model
3.3V
5V
12V
15V
A
3.7
3.7
14
18.2
B
10
10
30
30
Trim down: RT (kΩ) =
(
(Vo – 2.5)
) A– B
Vo nominal – V0
Trim up:
RT (kΩ) =
(
2.5A
) –B
Vo – Vo nominal
Vo = desired output voltage
Positive Input
1
10
Input Common
MHV
2
4
Case*
*The case ground connection should be as low an impedance as possible to minimize EMI.
Direct contact of baseplate to chassis ground provides the lowest impedance.
Chassis Ground
6, 7, 8
Positive Input
1
5
28V
Input Common
FMC-461
or FMH-461
EMI FILTER
Positive Output
Output Common
3
MODEL
% V
OUT NOMINAL
110
106
102
95
90
80
MHV283R3S
18
36
128
4
n/a
n/a
MHV2805S
8
208123
5
n/a
MHV2812S
n/a
19
116
177
67
11
MHV2815S
0.3
21
122
255
104
28
FIGURE 5: EMI FILTER CONNECTION
Positive Input
1
9
2
10
28V
Sync In
Inhibit (pin 8 on triple
output models)
Input Common
MHV
FIGURE 6: MHV SINGLE OUTPUTTRIM
Notes
If calculated result is a negative value, the desired output voltage is outside the allowed trim range.
Calculated values of RT are ±15%.
When trimming up, do not exceed the maximum output power.
When trimming down, do not exceed the maximum output current.
Calculated Trim
Quick Reference Trim Table
RTRIM ( (RT) k ohms
3
TRIM
RT
5
4
+VO
OUTPUT
COMMON
MHV
SINGLE
OUTPUT
TRIM DOWN
TRIM UP
FIGURE 4: TYPICAL CONNECTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com