Electronic Components Datasheet Search
  English  ▼

X  

MHV2815S/ES Datasheet(PDF) 5 Page - Crane Aerospace & Electronics.

Part # MHV2815S/ES
Description  MHV Single, Dual and Triple DC/DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHV2815S/ES Datasheet(HTML) 5 Page - Crane Aerospace & Electronics.

  MHV2815S/ES Datasheet HTML 1Page - Crane Aerospace & Electronics. MHV2815S/ES Datasheet HTML 2Page - Crane Aerospace & Electronics. MHV2815S/ES Datasheet HTML 3Page - Crane Aerospace & Electronics. MHV2815S/ES Datasheet HTML 4Page - Crane Aerospace & Electronics. MHV2815S/ES Datasheet HTML 5Page - Crane Aerospace & Electronics. MHV2815S/ES Datasheet HTML 6Page - Crane Aerospace & Electronics. MHV2815S/ES Datasheet HTML 7Page - Crane Aerospace & Electronics. MHV2815S/ES Datasheet HTML 8Page - Crane Aerospace & Electronics. MHV2815S/ES Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MHV Single, Dual and Triple DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 5 of 14
Rev D- 20060710
www.craneae.com
28 VOLT INPUT – 15 WATT
SMD NUMBERS
STANDARD MICROCIRCUIT
DRAWING (SMD)
5962-9852801HXC
5962-9852201HXC
5962-9852301HXC
5962-9852401HXC
5962-9852501HXC
5962-9852601HXC
5962-9852701HXC
5962-9673001HXC
5962-9673101HXC
MHV SERIES
SIMILAR PART
MHV283R3S/883
MHV2805S/883
MHV2812S/883
MHV2815S/883
MHV2805D/883
MHV2812D/883
MHV2815D/883
MHV28512T/883
MHV28515T/883
Flanged SMD numbers for the MHV Series of converters have
the suffix HZC instead of HXC. For exact specifications for an
SMD product, refer to the SMD drawing available at
www.dscc.dla.mil/programs/smcr.
MHV
28 512 T
F / 883
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
Case Option
(Non-flanged case has no designator in
this position)
(S = single, D = dual, T = triple)
(Main and aux. Vout for triple models)
(R = decimal point, 3R3 = 3.3 Vout)
(Standard screening has no designator
in this position.)
MODEL NUMBERING KEY
Model Selection
MHV28
Base model
Vout value
number of outputs
case option
screening
Choose one from each of the following rows
Vout value
for singles or duals: 3R3, 5, 12, or 15
for triples*: 512 or 515
“R” = decimal point, 3R3 = 3.3VDC
Number of outputs
S (single), D (dual) or T (triple)
Case option
non-flanged case option, leave blank
F (flanged case option),
Screening
standard screening, leave blank
/ES (ES screening), /883 (Class H, QML)
* for triple models “5” indicates the main voltage, “12” or“15” indicate the ± auxiliary voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com