Electronic Components Datasheet Search
  English  ▼

X  

CDC509 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDC509
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC509 Datasheet(HTML) 5 Page - Texas Instruments

  CDC509 Datasheet HTML 1Page - Texas Instruments CDC509 Datasheet HTML 2Page - Texas Instruments CDC509 Datasheet HTML 3Page - Texas Instruments CDC509 Datasheet HTML 4Page - Texas Instruments CDC509 Datasheet HTML 5Page - Texas Instruments CDC509 Datasheet HTML 6Page - Texas Instruments CDC509 Datasheet HTML 7Page - Texas Instruments CDC509 Datasheet HTML 8Page - Texas Instruments CDC509 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CDC509
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
SCAS576B – JULY 1996 – REVISED JANUARY 1998
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 30 pF (see Note 5 and Figures 1 and 2)†
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V
± 0.165 V
VCC = 3.3 V
± 0.3 V
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
TYP
MAX
tphase error, reference
(see Figure 3)
66 MHz < CLKIN
↑ < 100
MHz
FBIN
↑
100...480
ps
tphase error, – jitter,
(see Note 6)
CLKIN
↑ = 100 MHz
FBIN
↑
220
480
340
ps
tsk(o)‡
Any Y or FBOUT
Any Y or FBOUT
200
ps
Jitter(pk-pk)
F(clkin > 66 MHz)
Any Y or FBOUT
–100
100
ps
Duty cycle, reference
F(clkin
≤ 66 MHz)
Any Y or FBOUT
45%
55%
yy
,
(see Figure 4)
F(clkin > 66 MHz)
Any Y or FBOUT
43%
57%
tr
Any Y or FBOUT
1.1
1.5
0.7
1.6
ns
tf
Any Y or FBOUT
0.8
1.3
0.5
1.5
ns
† This parameters are not production tested.
‡ The tsk(o) specification is only valid for equal loading of all outputs.
NOTES:
5. The specifications for parameters in this table are applicable only after any appropriate stabilization time has elapsed.
6. Phase error does not include jitter. The total phase error is 120 ps to 580 ps for the 5% VCC range.
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
LOAD CIRCUIT FOR OUTPUTS
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
tpd
50% VCC
3 V
0 V
VOH
VOL
Input
0.4 V
2 V
tr
tf
0.4 V
2 V
Output
500
W
50% VCC
30 pF
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 100 MHz, ZO = 50 Ω, tr ≤ 1.2 ns, tf ≤ 1.2 ns.
C. The outputs are measured one at a time with one transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com