Electronic Components Datasheet Search
  English  ▼

X  

CDC509 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDC509
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC509 Datasheet(HTML) 4 Page - Texas Instruments

  CDC509 Datasheet HTML 1Page - Texas Instruments CDC509 Datasheet HTML 2Page - Texas Instruments CDC509 Datasheet HTML 3Page - Texas Instruments CDC509 Datasheet HTML 4Page - Texas Instruments CDC509 Datasheet HTML 5Page - Texas Instruments CDC509 Datasheet HTML 6Page - Texas Instruments CDC509 Datasheet HTML 7Page - Texas Instruments CDC509 Datasheet HTML 8Page - Texas Instruments CDC509 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CDC509
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
SCAS576B – JULY 1996 – REVISED JANUARY 1998
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (see Note 4)
MIN
MAX
UNIT
VCC
Supply voltage
3
3.6
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
VCC
V
IOH
High-level output current
–20
mA
IOL
Low-level output current
20
mA
TA
Operating free-air temperature
0
70
°C
NOTE 4: Unused inputs must be held high or low to prevent them from floating.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
VIK
II = –18 mA
3 V
–1.2
V
VOH
IOH = –100 µA
MIN to MAX
VCC–0.2
V
VOH
IOH = –20 mA
3 V
2.4
V
VOL
IOL = 100 µA
MIN to MAX
0.2
V
VOL
IOL = 20 mA
3 V
0.55
V
II
VI = VCC or GND
3.6 V
±5
µA
ICC‡
VI = VCC or GND,
IO = 0, Outptus high or low
3.6 V
10
µA
∆ICC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
3.3 V to 3.6 V
500
µA
Ci
VI = VCC or GND
3.3 V
4
pF
Co
VO = VCC or GND
3.3 V
6
pF
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ For ICC of AVCC, see Figure 5.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature
MIN
MAX
UNIT
fclock
Clock frequency
25
125
MHz
Input clock duty cycle
40%
60%
Stabilization time§
1
ms
§ Time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. For phase lock to be obtained, a
fixed-frequency, fixed-phase reference signal must be present at CLK. Until phase lock is obtained, the specifications for propagation delay, skew,
and jitter parameters given in the switching characteristics table are not applicable.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com