Electronic Components Datasheet Search
  English  ▼

X  

CDC509 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDC509
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC509 Datasheet(HTML) 7 Page - Texas Instruments

  CDC509 Datasheet HTML 1Page - Texas Instruments CDC509 Datasheet HTML 2Page - Texas Instruments CDC509 Datasheet HTML 3Page - Texas Instruments CDC509 Datasheet HTML 4Page - Texas Instruments CDC509 Datasheet HTML 5Page - Texas Instruments CDC509 Datasheet HTML 6Page - Texas Instruments CDC509 Datasheet HTML 7Page - Texas Instruments CDC509 Datasheet HTML 8Page - Texas Instruments CDC509 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CDC509
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
SCAS576B – JULY 1996 – REVISED JANUARY 1998
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 3
PHASE ERROR
vs
CLOCK FREQUENCY
35
1
0.6
0.2
–0.2
45
55
65
95
105
fclk – Clock Frequency – MHz
85
1.2
0.8
0.4
0
75
115 125 135
VDD = 3.3 V
TA = 25°C
fclk – Clock Frequency – MHz
Figure 4
VDD = 3.3 V
CL = 30 pF
OUTPUT DUTY CYCLE
vs
CLOCK FREQUENCY
57%
53%
51%
47%
43%
55%
49%
45%
30
50
70
90
130
110
ANALOG SUPPLY CURRENT
vs
CLOCK FREQUENCY
35
6
4
2
0
45
55
65
95
105
fclk – Clock Frequency – MHz
85
7
5
3
1
75
115 125
VDD = 3.3 V
TA = 25°C
8
9
25
Figure 5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com