Electronic Components Datasheet Search
  English  ▼

X  

CDC516 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDC516
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC516 Datasheet(HTML) 1 Page - Texas Instruments

  CDC516 Datasheet HTML 1Page - Texas Instruments CDC516 Datasheet HTML 2Page - Texas Instruments CDC516 Datasheet HTML 3Page - Texas Instruments CDC516 Datasheet HTML 4Page - Texas Instruments CDC516 Datasheet HTML 5Page - Texas Instruments CDC516 Datasheet HTML 6Page - Texas Instruments CDC516 Datasheet HTML 7Page - Texas Instruments CDC516 Datasheet HTML 8Page - Texas Instruments CDC516 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CDC516
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
SCAS575A – JULY 1996 – REVISED JANUARY 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Phase-Lock Loop Clock Distribution for
Synchronous DRAM Applications
D Distributes One Clock Input to Four Banks
of Four Outputs
D Separate Output Enable for Each Output
Bank
D External Feedback Pin (FBIN) Is Used to
Synchronize the Outputs to the Clock Input
D No External RC Network Required
D Operates at 3.3-V VCC
D Packaged in Plastic 48-Pin Thin Shrink
Small-Outline Package
description
The CDC516 is a high-performance, low-skew,
low-jitter, phase-lock loop clock driver. It uses a
phase-lock loop (PLL) to precisely align, in both
frequency and phase, the feedback output
(FBOUT) to the clock (CLK) input signal. It is
specifically designed for use with synchronous
DRAMs. The CDC516 operates at 3.3-V VCC and
is designed to drive up to five clock loads per
output.
Four banks of four outputs provide 16 low-skew,
low-jitter copies of the input clock. Output signal
duty
cycles
are
adjusted
to
50
percent,
independent of the duty cycle at the input clock.
Each bank of outputs can be enabled or disabled
separately via the 1G, 2G, 3G, and 4G control
inputs. When the G inputs are high, the outputs
switch in phase and frequency with CLK; when the
G inputs are low, the outputs are disabled to the
logic-low state.
Unlike many products containing PLLs, the CDC516 does not require external RC networks. The loop filter for
the PLL is included on-chip, minimizing component count, board space, and cost.
Because it is based on PLL circuitry, the CDC516 requires a stabilization time to achieve phase lock of the
feedback signal to the reference signal. This stabilization time is required following power up and application
of a fixed-frequency, fixed-phase signal at CLK, as well as following any changes to the PLL reference or
feedback signals. The PLL may be bypassed for test purposes by strapping AVCC to ground.
The CDC516 is characterized for operation from 0
°C to 70°C.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
VCC
1Y0
1Y1
GND
GND
1Y2
1Y3
VCC
1G
GND
AVCC
CLK
AGND
AGND
GND
2G
VCC
2Y0
2Y1
GND
GND
2Y2
2Y3
VCC
VCC
4Y0
4Y1
GND
GND
4Y2
4Y3
VCC
4G
GND
AVCC
FBIN
AGND
FBOUT
GND
3G
VCC
3Y0
3Y1
GND
GND
3Y2
3Y3
VCC
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
DGG PACKAGE
(TOP VIEW)


Similar Part No. - CDC516

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC516 TI2-CDC516 Datasheet
569Kb / 18P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
REVISED DECEMBER 2004
CDC516DGG TI2-CDC516DGG Datasheet
569Kb / 18P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
REVISED DECEMBER 2004
CDC516DGG.B TI2-CDC516DGG.B Datasheet
569Kb / 18P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
REVISED DECEMBER 2004
CDC516DGGG4 TI2-CDC516DGGG4 Datasheet
569Kb / 18P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
REVISED DECEMBER 2004
CDC516DGGR TI2-CDC516DGGR Datasheet
569Kb / 18P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
REVISED DECEMBER 2004
More results

Similar Description - CDC516

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2510A TI-CDC2510A Datasheet
308Kb / 13P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC509 TI1-CDC509_15 Datasheet
612Kb / 13P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com