Electronic Components Datasheet Search
  English  ▼

X  

CDC516 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CDC516
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC516 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDC516 Datasheet HTML 3Page - Texas Instruments CDC516 Datasheet HTML 4Page - Texas Instruments CDC516 Datasheet HTML 5Page - Texas Instruments CDC516 Datasheet HTML 6Page - Texas Instruments CDC516 Datasheet HTML 7Page - Texas Instruments CDC516 Datasheet HTML 8Page - Texas Instruments CDC516 Datasheet HTML 9Page - Texas Instruments CDC516 Datasheet HTML 10Page - Texas Instruments CDC516 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CDC516
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
SCAS575A – JULY 1996 – REVISED JANUARY 1998
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL INFORMATION
DGG (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040078 / D 08/96
48 PIN SHOWN
56
14,10
13,90
0,25
48
DIM
A MAX
A MIN
PINS **
0,15 NOM
Gage Plane
6,00
6,20
8,30
7,90
12,40
12,60
0,75
0,50
Seating Plane
25
0,27
0,17
24
A
48
1
0,05 MIN
1,20 MAX
64
17,10
16,90
M
0,08
0,10
0,50
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Falls within JEDEC MO-153



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com