Electronic Components Datasheet Search
  English  ▼

X  

CDC925DL Datasheet(PDF) 6 Page - Texas Instruments

Part # CDC925DL
Description  133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC925DL Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDC925DL Datasheet HTML 2Page - Texas Instruments CDC925DL Datasheet HTML 3Page - Texas Instruments CDC925DL Datasheet HTML 4Page - Texas Instruments CDC925DL Datasheet HTML 5Page - Texas Instruments CDC925DL Datasheet HTML 6Page - Texas Instruments CDC925DL Datasheet HTML 7Page - Texas Instruments CDC925DL Datasheet HTML 8Page - Texas Instruments CDC925DL Datasheet HTML 9Page - Texas Instruments CDC925DL Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CDC925
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
WITH 3-STATE OUTPUTS
SCAS633 – JULY 28, 1999
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, VDD
– 0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
– 0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high-impedance state or power-off state,
VO (see Note 1)
– 0.5 V to VDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current into any output in the low state, IO
2
× IOL
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
– 18 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0)
– 50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–0
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
DERATING FACTOR†
TA = 70°C
TA = 85°C
PACKAGE
A
POWER RATNG
ABOVE TA = 25°C
A
POWER RATING
A
POWER RATING
DL
1558.6 mW
12.468 mW/
°C
997.5 mW
810.52 mW
† This is the inverse of the traditional junction-to-case thermal resistance (RθJA) and uses a board-mounted device
at 80.2
°C/W.
recommended operating conditions (see Note 2)
MIN
NOM†
MAX
UNIT
Supply voltage VDD
3.3 V
3.135
3.465
V
Supply voltage, VDD
2.5 V
2.375
2.625
V
High-level input voltage, VIH
2
VDD +
0.3 V
V
Low-level input voltage, VIL
GND –
0.3 V
0.8
V
Input voltage, VI
0
VDD
V
CPUx, CPU_DIV2x
–12
High level output current IOH
APICx
–12
mA
High-level output current, IOH
48MHz, REFx
–14
mA
PCIx, PCI_F, 3V66x
–18
CPUx, CPU_DIV2x
12
Low level output current IOL
APICx
12
mA
Low-level output current, IOL
48MHz, REFx
9
mA
PCIx, PCI_F, 3V66x
12
Reference frequency, f(XIN)‡
Test mode
130
MHz
Crystal frequency, f(XTAL)§
Normal mode
13.8
14.318
14.8
MHz
Operating free-air temperature, TA
0
85
°C
NOTE 2: Unused inputs must be held high or low to prevent them from floating.
† All nominal values are measured at their respective nominal VDD values.
‡ Reference frequency is a test clock driven on the XIN input during the device test mode and normal mode. In test mode, XIN can be driven
externally up to f(XIN) = 130 MHz. If XIN is driven externally, XOUT is floating.
§ This is a series fundamental crystal with fO = 14.31818 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com