Electronic Components Datasheet Search
  English  ▼

X  

CDC925DL Datasheet(PDF) 9 Page - Texas Instruments

Part # CDC925DL
Description  133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC925DL Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDC925DL Datasheet HTML 5Page - Texas Instruments CDC925DL Datasheet HTML 6Page - Texas Instruments CDC925DL Datasheet HTML 7Page - Texas Instruments CDC925DL Datasheet HTML 8Page - Texas Instruments CDC925DL Datasheet HTML 9Page - Texas Instruments CDC925DL Datasheet HTML 10Page - Texas Instruments CDC925DL Datasheet HTML 11Page - Texas Instruments CDC925DL Datasheet HTML 12Page - Texas Instruments CDC925DL Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
CDC925
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
WITH 3-STATE OUTPUTS
SCAS633 – JULY 28, 1999
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (continued)
PCIx, PCI_F, 3V66x (Type 5)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
VDD = min to max,
IOH = – 1 mA
VDD –
0.1 V
V
OH
gg
VDD = 3.135 V,
IOH = –18 mA
2.4
VOL
Low level output voltage
VDD = min to max,
IOL = 1 mA
0.1
V
VOL
Low-level output voltage
VDD = 3.135 V,
IOL = 12 mA
0.15
0.4
V
VDD = 3.135 V,
VO = 1 V
–33
–53
IOH
High-level output current
VDD = 3.3 V,
VO = 1.65 V
–53
mA
VDD = 3.465 V,
VO = 3.135 V
–16
–33
VDD = 3.135 V,
VO = 1.95 V
30
67
IOL
Low-level output current
VDD = 3.3 V,
VO = 1.65 V
70
mA
VDD = 3.465 V,
VO = 0.4 V
27
49
CO
Output capacitance
VDD = 3.3 V,
VO = VDD or GND
4.5
7.5
pF
ZO
Output impedance
High state
VO = 0.5 VDD,
VO/IOH
12
31
55
Ω
ZO
Output impedance
Low state
VO = 0.5 VDD,
VO/IOL
12
24
55
Ω
† All typical values are measured at their respective nominal VDD values.
switching characteristics, VDD = 3.135 V to 3.465 V, TA = 0°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Overshoot/undershoot
GND – 0.7 V
VDD + 0.7 V
V
Ring back
VIL – 0.1 V
VIH + 0.1 V
V
Stabilization time, PWR_DWN to PCIx
f(CPU) = 133 MHz
0.05
3
ms
tdis3
Disable time, PWR_DWN to PCIx
f(CPU) = 133 MHz
50
ns
Stabilization time, PWR_DWN to CPUx
f(CPU) = 133 MHz
0.03
3
ms
tdis4
Disable time, PWR_DWN to CPUx
f(CPU) = 133 MHz
50
ns
Stabilization time†
After SEL1, SEL0
3
ms
Stabilization time†
After power up
3
ms
† Stabilization time is the time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. In order for
phase lock to be obtained, a fixed-frequency, fixed-phase reference signal must be present at XIN. Until phase lock is obtained, the specifications
for propagation delay and skew parameters given in the switching characteristics tables are not applicable. Stabilization time is defined as the
time from when VDD achieves its nominal operating level until the output frequency is stable and operating within specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com