Electronic Components Datasheet Search
  English  ▼

X  

CDC925DL Datasheet(PDF) 7 Page - Texas Instruments

Part # CDC925DL
Description  133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC925DL Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDC925DL Datasheet HTML 3Page - Texas Instruments CDC925DL Datasheet HTML 4Page - Texas Instruments CDC925DL Datasheet HTML 5Page - Texas Instruments CDC925DL Datasheet HTML 6Page - Texas Instruments CDC925DL Datasheet HTML 7Page - Texas Instruments CDC925DL Datasheet HTML 8Page - Texas Instruments CDC925DL Datasheet HTML 9Page - Texas Instruments CDC925DL Datasheet HTML 10Page - Texas Instruments CDC925DL Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
CDC925
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
WITH 3-STATE OUTPUTS
SCAS633 – JULY 28, 1999
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
VDD = 3.135 V,
II = –18 mA
–1.2
V
RI
Input resistance
XIN-XOUT
VDD = 3.465 V,
VI = VDD –0.5 V
80
350
k
Ω
XOUT
VDD = 3.135 V,
VI = VDD –0.5 V
20
50
mA
IIH
High-level input current
SEL0, SEL1,
CPU_STOP,
PCI_STOP,
SPREAD
VDD = 3.465 V,
VI = VDD
<10
10
µA
PWR_DWN
VDD = 3.465 V,
VI = VDD
<10
10
µA
SEL133/100
VDD = 3.465 V,
VI = VDD
<10
10
µA
XOUT
VDD = 3.135 V,
VO = 0 V
–2
–5
mA
IIL
Low-level input current
SEL0, SEL1,
CPU_STOP,
PCI_STOP,
SPREAD
VDD = 3.465 V,
VI = GND
<10
–10
µA
PWR_DWN
VDD = 3.465 V,
VI = GND
<10
–10
µA
SEL133/100
VDD = 3.465 V,
VI = GND
<10
–10
µA
IOZ
High-impedance-state output current
|VDD| = max,
VO = VDD or GND
±10
µA
VDD = 2.625 V,
All outputs = low
PWR_DWN = low,
<20
100
IDD
Supply current
VDD = 2.625 V,
All outputs = high
VDDx = 2.5 V,
<20
100
µA
DD
y
VDD = 3.465 V,
All outputs = low
PWR_DWN = low,
<50
200
VDD = 3.465 V,
All outputs = high
12
35
mA
IDD(Z) High impedance state supply current
VDD = 2.625 V
1.4
mA
IDD(Z) High-impedance-state supply current
VDD = 3.465 V
28
mA
Dynamic supply current
CL = 20 pF,
VDD = 3.465 V
114
146
mA
Dynamic supply current
L
CPU = 133 MHz
VDD = 2.625 V
52
70
mA
CI
Input capacitance
VDD = 3.3 V,
VI = VDD or GND
3.3
5.8
pF
Crystal terminal capacitance
VDD = 3.3 V,
VI = 0.3 V
18
18.5
22.5
pF
† All typical values are measured at their respective nominal VDD values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com