Electronic Components Datasheet Search
  English  ▼

X  

DAC7802KP Datasheet(PDF) 7 Page - Texas Instruments

Part # DAC7802KP
Description  Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7802KP Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC7802KP Datasheet HTML 3Page - Texas Instruments DAC7802KP Datasheet HTML 4Page - Texas Instruments DAC7802KP Datasheet HTML 5Page - Texas Instruments DAC7802KP Datasheet HTML 6Page - Texas Instruments DAC7802KP Datasheet HTML 7Page - Texas Instruments DAC7802KP Datasheet HTML 8Page - Texas Instruments DAC7802KP Datasheet HTML 9Page - Texas Instruments DAC7802KP Datasheet HTML 10Page - Texas Instruments DAC7802KP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DAC7800, 7801, 7802
7
SBAS005A
www.ti.com
TYPICAL CHARACTERISTICS
OUTPUT OP AMP IS OPA602.
TA = +25°C, VDD = +5V.
OUTPUT LEAKAGE CURRENT
vs TEMPERATURE
1µ
100n
10n
1n
100p
10p
1p
–75
–50
–25
0
+25
+50
+75
+100
+125
Temperature (°C)
–60
–65
–70
–75
–80
–85
–90
–95
–100
THD + NOISE vs FREQUENCY
Frequency (Hz)
1k
10
100
10k
100k
1Vrms
3Vrms
6Vrms
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
CHANNEL-TO-CHANNEL ISOLATION
vs FREQUENCY
Frequency (Hz)
100k
1k
10k
1M
10M
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
FEEDTHROUGH vs FREQUENCY
Frequency (Hz)
100k
1k
10k
1M
10M
+30
+20
+10
0
–10
–20
–30
–40
–50
FREQUENCY RESPONSE
Frequency (Hz)
100k
1k
10k
1M
10M
C
F = 5pF
C
F = 10pF
C
F = 0pF
Frequency (Hz)
PSRR vs FREQUENCY
70
60
50
40
30
20
10
0
–10
1k
10k
100k
1M
DAC Loaded w/0s
DAC Loaded w/1s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com