Electronic Components Datasheet Search
  English  ▼

X  

DAC7802KP Datasheet(PDF) 9 Page - Texas Instruments

Part # DAC7802KP
Description  Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7802KP Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC7802KP Datasheet HTML 5Page - Texas Instruments DAC7802KP Datasheet HTML 6Page - Texas Instruments DAC7802KP Datasheet HTML 7Page - Texas Instruments DAC7802KP Datasheet HTML 8Page - Texas Instruments DAC7802KP Datasheet HTML 9Page - Texas Instruments DAC7802KP Datasheet HTML 10Page - Texas Instruments DAC7802KP Datasheet HTML 11Page - Texas Instruments DAC7802KP Datasheet HTML 12Page - Texas Instruments DAC7802KP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DAC7800, 7801, 7802
9
SBAS005A
www.ti.com
DGND should be connected together at one point only,
preferably at the power-supply ground point. Separate re-
turns minimize current flow in low-level signal paths if properly
connected. Output op amp analog common (+ input) should
be connected as near to the AGND pins of the DAC780x as
possible.
WIRING PRECAUTIONS
To minimize AC feedthrough when designing a PC board,
care should be taken to minimize capacitive coupling be-
tween the VREF lines and the IOUT lines. Similarly, capacitive
coupling between DACs may compromise the channel-to-
channel isolation. Coupling from any of the digital control or
data lines might degrade the glitch and digital crosstalk
performance. Solder the DAC780x directly into the PC board
without a socket. Sockets add parasitic capacitance (which
can degrade AC performance).
AMPLIFIER OFFSET VOLTAGE
The output amplifier used with the DAC780x should have low
input offset voltage to preserve the transfer function linearity.
The voltage output of the amplifier has an error component
which is the offset voltage of the op amp multiplied by
the “noise gain” of the circuit. This “noise gain” is equal to
(RF/RO + 1) where RO is the output impedance of the DAC
IOUT terminal and RF is the feedback network impedance. The
nonlinearity occurs due to the output impedance varying with
code. If the 0 code case is excluded (where RO = infinity), the
RO will vary from R-3R providing a “noise gain” variation
between 4/3 and 2. In addition, the variation of RO is nonlinear
with code, and the largest steps in RO occur at major code
transitions where the worst differential nonlinearity is also
likely to be experienced. The nonlinearity seen at the amplifier
output is 2VOS – 4VOS/3 = 2VOS/3. Thus, to maintain good
nonlinearity the op amp offset should be much less than
1/2 LSB.
UNIPOLAR CONFIGURATION
Figure 3 shows DAC780x in a typical unipolar (two-quadrant)
multiplying configuration. The analog output values versus
digital input code are listed in Table II. The operational
amplifiers used in this circuit can be single amplifiers such as
the OPA602, or a dual amplifier such as the OPA2107. C1
and C2 provide phase compensation to minimize settling time
and overshoot when using a high speed operational amplifier.
If an application requires the DAC to have zero gain error, the
circuit shown in Figure 4 may be used. Resistors R2 and R4
induce a positive gain error greater than worst-case initial
negative gain error. Trim resistors R1 and R3 provide a
variable negative gain error and have sufficient trim range to
correct for the worst-case initial positive gain error plus the
error produced by R2 and R4.
BIPOLAR CONFIGURATION
See Figure 5 for the DAC780x in a typical bipolar (four-
quadrant) multiplying configuration. See Table III for the
listing of the analog output values versus digital input code.
DATA INPUT
ANALOG OUTPUT
MSB
↓↓ LSB
1111 1111 1111
–VREF (4095/4096)
1000 0000 0000
–VREF (2048/4096) = –1/2VREF
0000 0000 0001
–VREF (1/4096)
0000 0000 0000
0 Volts
TABLE II. Unipolar Output Code.
The operational amplifiers used in this circuit can be single
amplifiers such as the OPA602, a dual amplifier such as the
OPA2107, or a quad amplifier like the OPA404. C1 and C2
provide phase compensation to minimize settling time and
overshoot when using a high speed operational amplifier. The
bipolar offset resistors R5–R7 and R8–R10 should be ratio-
matched to 0.01% to ensure the specified gain error perfor-
mance.
DAC A
I
OUT A
DAC B
AGND A
I
OUT B
R
FB B
R
FB A
C1
10pF
C2
10pF
DAC780X
V
OUT A
V
OUT B
–
+
–
+
A1
A2
DGND
V
REF B
V
REF A
V
DD
+5V
C
D
A1, A2 OPA602 or 1/2 OPA2107.
DAC7802 has a single analog
common, AGND.
+
1µF
AGND B
R
100
3
Ω
REF B
R
2
Ω
47
R
4
Ω
47
DAC A
I
OUT A
DAC B
AGND A
I
OUT B
R
FB B
R
FB A
C1 10pF
C2 10pF
DAC780X
V
OUT A
V
OUT B
–
+
–
+
A1
A2
DGND
V
DD
+5V
C
D
A1, A2 OPA602 or 1/2 OPA2107.
DAC7802 has a single analog
common, AGND.
+
1µF
AGND B
V
IN A
R
100
1
Ω
REF A
V
V
IN B
V
FIGURE 4. Unipolar Configuration with Gain Trim.
FIGURE 3. Unipolar Configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com