Electronic Components Datasheet Search
  English  ▼

X  

DAC7802KP Datasheet(PDF) 12 Page - Texas Instruments

Part # DAC7802KP
Description  Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7802KP Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC7802KP Datasheet HTML 8Page - Texas Instruments DAC7802KP Datasheet HTML 9Page - Texas Instruments DAC7802KP Datasheet HTML 10Page - Texas Instruments DAC7802KP Datasheet HTML 11Page - Texas Instruments DAC7802KP Datasheet HTML 12Page - Texas Instruments DAC7802KP Datasheet HTML 13Page - Texas Instruments DAC7802KP Datasheet HTML 14Page - Texas Instruments DAC7802KP Datasheet HTML 15Page - Texas Instruments DAC7802KP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
DAC7800, 7801, 7802
12
SBAS005A
www.ti.com
FIGURE 8. 13-Bit Bipolar DAC.
1
C
10pF
I
OUT A
DAC A
DAC B
R
FB A
DAC780X
DGND
V
DD
+5V
A1
DAC7802 has a single analog common, AGND.
A1 OPA602 or 1/2 OPA2107.
REF102
±10V
13 Bits
V
REF B
+15V
V
REF A
R
R
R
AGND B
AGND A
+10V
I
OUT B
R
FB B
2
C
10pF
A2
R
C
D
INA105
2
4
6
1µF
2
3
6
1
V
REF 2
DAC 2
DAC 1
DAC 3
Gain Adjust
Filter Input
V
REF 3
I
OUT 3
AGND 3
High-Pass Out
Band-Pass
Out
Low-Pass
Out
UAF 42
C
C
RR
R
R
DAC780X
V
REF 1
I
OUT 1
AGND 1
I
OUT 2
AGND 2
DAC 4
Q Adjust
V
REF 4
I
OUT 4
AGND 4
R
FB 4
C Adjust
f
R = 50k
C = 1000pF ±0.5%
Ω ±0.5%
1/2 DAC780X
1/2 DAC780X
1
5
13
12
3
14
7
2
11
8
4
6
FIGURE 9. Digitally Programmable Universal Active Filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com