Electronic Components Datasheet Search
  English  ▼

X  

MSP430C111 Datasheet(PDF) 10 Page - Texas Instruments

Part # MSP430C111
Description  MIXED SIGNAL MICROCONTROLLERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430C111 Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSP430C111 Datasheet HTML 6Page - Texas Instruments MSP430C111 Datasheet HTML 7Page - Texas Instruments MSP430C111 Datasheet HTML 8Page - Texas Instruments MSP430C111 Datasheet HTML 9Page - Texas Instruments MSP430C111 Datasheet HTML 10Page - Texas Instruments MSP430C111 Datasheet HTML 11Page - Texas Instruments MSP430C111 Datasheet HTML 12Page - Texas Instruments MSP430C111 Datasheet HTML 13Page - Texas Instruments MSP430C111 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
MSP430x11x
MIXED SIGNAL MICROCONTROLLERS
SLAS196D− DECEMBER 1998 − REVISED SEPTEMBER 2004
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
peripheral file map
PERIPHERALS WITH WORD ACCESS
Watchdog
Watchdog/Timer Control
WDTCTL
0120h
Timer_A
Timer_A Interrupt Vector
Timer_A Control
Cap/Com Control
Cap/Com Control
Cap/Com Control
Reserved
Reserved
Reserved
Reserved
Timer_A Register
Cap/Com Register
Cap/Com Register
Cap/Com Register
Reserved
Reserved
Reserved
Reserved
TAIV
TACTL
TACCTL0
TACCTL1
TACCTL2
TAR
TACCR0
TACCR1
TACCR2
012Eh
0160h
0162h
0164h
0166h
0168h
016Ah
016Ch
016Eh
0170h
0172h
0174h
0176h
0178h
017Ah
017Ch
017Eh
PERIPHERALS WITH BYTE ACCESS
Basic Clock
Basic Clock Sys. Control2
Basic Clock Sys. Control1
DCO Clock Freq. Control
BCSCTL2
BCSCTL1
DCOCTL
058h
057h
056h
EPROM
EPROM Control
EPCTL
054h
Port P2
Port P2 Selection
Port P2 Interrupt Enable
Port P2 Interrupt Edge Select
Port P2 Interrupt Flag
Port P2 Direction
Port P2 Output
Port P2 Input
P2SEL
P2IE
P2IES
P2IFG
P2DIR
P2OUT
P2IN
02Eh
02Dh
02Ch
02Bh
02Ah
029h
028h
Port P1
Port P1 Selection
Port P1 Interrupt Enable
Port P1 Interrupt Edge Select
Port P1 Interrupt Flag
Port P1 Direction
Port P1 Output
Port P1 Input
P1SEL
P1IE
P1IES
P1IFG
P1DIR
P1OUT
P1IN
026h
025h
024h
023h
022h
021h
020h
Special Function
SFR Interrupt Flag1
SFR Interrupt Enable1
IFG1
IE1
002h
000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com