Electronic Components Datasheet Search
  English  ▼

X  

MSP430C111 Datasheet(PDF) 17 Page - Texas Instruments

Part # MSP430C111
Description  MIXED SIGNAL MICROCONTROLLERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430C111 Datasheet(HTML) 17 Page - Texas Instruments

Back Button MSP430C111 Datasheet HTML 13Page - Texas Instruments MSP430C111 Datasheet HTML 14Page - Texas Instruments MSP430C111 Datasheet HTML 15Page - Texas Instruments MSP430C111 Datasheet HTML 16Page - Texas Instruments MSP430C111 Datasheet HTML 17Page - Texas Instruments MSP430C111 Datasheet HTML 18Page - Texas Instruments MSP430C111 Datasheet HTML 19Page - Texas Instruments MSP430C111 Datasheet HTML 20Page - Texas Instruments MSP430C111 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
MSP430x11x
MIXED SIGNAL MICROCONTROLLERS
SLAS196D− DECEMBER 1998 − REVISED SEPTEMBER 2004
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
wake-up from lower power modes (LPMx)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
t(LPM0)/
t(LPM2)
Delay time
VCC = 3 V/5 V
100
ns
t(LPM3)
Delay time
RSel = 4, DCO = 3, MOD = 0
VCC = 3 V/5 V
2.6
6
µs
t(LPM4)
RSel = 4, DCO = 3, MOD = 0
VCC = 3 V/5 V
2.8
6
µs
RAM
PARAMETER
MIN
NOM
MAX
UNIT
V(RAMh)
CPU halted (see Note 1)
1.8
V
NOTE 1: This parameter defines the minimum supply voltage VCC when the data in the program memory RAM remains unchanged. No program
execution should happen during this supply voltage condition.
DCO (MSP430P112)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
f(DCO03)
Rsel = 0, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 3 V
0.12
MHz
f(DCO03)
Rsel = 0, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 5 V
0.13
MHz
f(DCO13)
Rsel = 1, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 3 V
0.19
MHz
f(DCO13)
Rsel = 1, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 5 V
0.21
MHz
f(DCO23)
Rsel = 2, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 3 V
0.31
MHz
f(DCO23)
Rsel = 2, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 5 V
0.34
MHz
f(DCO33)
Rsel = 3, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 3 V
0.5
MHz
f(DCO33)
Rsel = 3, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 5 V
0.55
MHz
f(DCO43)
Rsel = 4, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 3 V
0.5
0.8
1.1
MHz
f(DCO43)
Rsel = 4, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 5 V
0.6
0.9
1.2
MHz
f(DCO53)
Rsel = 5, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 3 V
0.9
1.2
1.55
MHz
f(DCO53)
Rsel = 5, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 5 V
1.1
1.4
1.7
MHz
f(DCO63)
Rsel = 6, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 3 V
1.7
2
2.3
MHz
f(DCO63)
Rsel = 6, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 5 V
2.1
2.4
2.7
MHz
f(DCO73)
Rsel = 7, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 3 V
2.8
3.1
3.5
MHz
f(DCO73)
Rsel = 7, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 5 V
3.8
4.2
4.5
MHz
f(DCO47)
Rsel = 4, DCO = 7, MOD = 0, DCOR = 0, TA = 25°C
VCC = 3 V/5 V
FDCO40 FDCO40 FDCO40
MHz
f(DCO47)
Rsel = 4, DCO = 7, MOD = 0, DCOR = 0, TA = 25°C
VCC = 3 V/5 V
FDCO40
x1.8
FDCO40
x2.2
FDCO40
x2.6
MHz
S(Rsel)
SR = fRsel+1/fRsel
VCC = 3 V/5 V
1.4
1.65
1.9
ratio
S(DCO)
SDCO = fDCO+1/fDCO
VCC = 3 V/5 V
1.07
1.12
1.16
ratio
Dt
Temperature drift, Rsel = 4, DCO = 3,
VCC = 3 V
−0.31
−0.36
−0.40
%/
°C
Dt
Temperature drift, Rsel = 4, DCO = 3,
MOD = 0 (see Note 1)
VCC = 5 V
−0.33
−0.38
−0.43
%/
°C
DV
Drift with VCC variation, Rsel = 4, DCO = 3,
MOD = 0 (see Note 1)
VCC = 3 V to 5 V
0
5
10
%/V
NOTE 1: These parameters are not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com