Electronic Components Datasheet Search
  English  ▼

X  

MSP430C111 Datasheet(PDF) 16 Page - Texas Instruments

Part # MSP430C111
Description  MIXED SIGNAL MICROCONTROLLERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430C111 Datasheet(HTML) 16 Page - Texas Instruments

Back Button MSP430C111 Datasheet HTML 12Page - Texas Instruments MSP430C111 Datasheet HTML 13Page - Texas Instruments MSP430C111 Datasheet HTML 14Page - Texas Instruments MSP430C111 Datasheet HTML 15Page - Texas Instruments MSP430C111 Datasheet HTML 16Page - Texas Instruments MSP430C111 Datasheet HTML 17Page - Texas Instruments MSP430C111 Datasheet HTML 18Page - Texas Instruments MSP430C111 Datasheet HTML 19Page - Texas Instruments MSP430C111 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
MSP430x11x
MIXED SIGNAL MICROCONTROLLERS
SLAS196D− DECEMBER 1998 − REVISED SEPTEMBER 2004
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
PUC/POR
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
t(POR_Delay)
150
250
µs
TA = −40°C
1.5
2.4
V
VPOR
POR
TA = 25°C
VCC = 3 V/5 V
1.2
2.1
V
VPOR
POR
TA = 85°C
VCC = 3 V/5 V
0.9
1.8
V
V(min)
0
0.4
V
t(reset)
PUC/POR
Reset is accepted internally
2
µs
VCC
POR
V
t
V
POR
V
(min)
POR
No POR
Figure 3. Power-On Reset (POR) vs Supply Voltage
1.8
2.1
2.4
0.9
1.2
1.5
0
0.5
1
1.5
2
2.5
3
−40
−20
0
20
40
60
80
Temperature [
°C]
25
°C
Figure 4. VPOR vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com