Electronic Components Datasheet Search
  English  ▼

X  

PCI1211 Datasheet(PDF) 39 Page - Texas Instruments

Part # PCI1211
Description  PC CARD CONTROLLERS
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1211 Datasheet(HTML) 39 Page - Texas Instruments

Back Button PCI1211 Datasheet HTML 35Page - Texas Instruments PCI1211 Datasheet HTML 36Page - Texas Instruments PCI1211 Datasheet HTML 37Page - Texas Instruments PCI1211 Datasheet HTML 38Page - Texas Instruments PCI1211 Datasheet HTML 39Page - Texas Instruments PCI1211 Datasheet HTML 40Page - Texas Instruments PCI1211 Datasheet HTML 41Page - Texas Instruments PCI1211 Datasheet HTML 42Page - Texas Instruments PCI1211 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 130 page
background image
PCI1211 GGU/PGE
PC CARD CONTROLLERS
SCPS033A – OCTOBER 1998
39
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
suspend mode
The SUSPEND signal is provided for backward compatibility, and gates the PCI reset (RST) signal from the
PCI1211. However, additional functionality has been defined for SUSPEND to provide additional
power-management options.
SUSPEND provides a mechanism to gate the PCLK from the PCI1211, as well as gate RST. This can potentially
save power while in an idle state; however, it requires substantial design effort to implement. Some issues to
consider are:
D What if a card is present in the socket?
D What if the card in the socket is powered?
D How to pass CSC (insertion/removal) events.
Even without the PCI clock to the PCI1211 core, there are asynchronous-type functions (such as RI_OUT) that
can pass CSC events, wake-up events, etc., back to the system. Figure 16 is a functional implementation
diagram for SUSPEND.
PCI1211
Core
SUSPEND
RST
GNT
PCLK
SUSPENDIN
RSTIN
PCLKIN
INTERNAL SIGNALS
EXTERNAL SIGNALS
Figure 16. SUSPEND Functional Implementation
Figure 17 is a signal diagram of the suspend function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com