Electronic Components Datasheet Search
  English  ▼

X  

PCI1211 Datasheet(PDF) 29 Page - Texas Instruments

Part # PCI1211
Description  PC CARD CONTROLLERS
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1211 Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCI1211 Datasheet HTML 25Page - Texas Instruments PCI1211 Datasheet HTML 26Page - Texas Instruments PCI1211 Datasheet HTML 27Page - Texas Instruments PCI1211 Datasheet HTML 28Page - Texas Instruments PCI1211 Datasheet HTML 29Page - Texas Instruments PCI1211 Datasheet HTML 30Page - Texas Instruments PCI1211 Datasheet HTML 31Page - Texas Instruments PCI1211 Datasheet HTML 32Page - Texas Instruments PCI1211 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 130 page
background image
PCI1211 GGU/PGE
PC CARD CONTROLLERS
SCPS033A – OCTOBER 1998
29
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 7. PC/PCI Channel Assignments
SYSTEM CONTROL REGISTER
DMA CHANNEL
CHANNEL TRANSFER DATA WIDTH
BIT 18
BIT 17
BIT16
DMA CHANNEL
CHANNEL TRANSFER DATA WIDTH
0
0
0
Channel 0
8-bit DMA transfers
0
0
1
Channel 1
8-bit DMA transfers
0
1
0
Channel 2
8-bit DMA transfers
0
1
1
Channel 3
8-bit DMA transfers
1
0
0
Channel 4
Not used
1
0
1
Channel 5
16-bit DMA transfers
1
1
0
Channel 6
16-bit DMA transfers
1
1
1
Channel 7
16-bit DMA transfers
As in distributed DMA, the PC Card terminal mapped to DREQ must be configured through socket DMA
register 0. The data transfer width is a function of channel number, and the DDMA slave registers are not used.
When a DREQ is received from a PC Card, and the channel has been granted, the PCI1211 decodes the I/O
addresses listed in Table 8 and performs actions dependent upon the address.
Table 8. I/O Addresses Used for PC/PCI DMA
DMA I/O ADDRESS
DMA CYCLE TYPE
TERMINAL COUNT
PCI CYCLE TYPE
00h
Normal
0
I/O read/write
04h
Normal TC
1
I/O read/write
C0h
Verify
0
I/O read
C4h
Verify TC
1
I/O read
The PC/PCI DMA as a PC Card-16 DMA mechanism may not provide the performance levels of DDMA;
however, the design of a PCI target implementing PC/PCI DMA is considerably less complex. No bus master
state machine is required to support PC/PCI DMA since the DMA control is centralized in the chipset. This DMA
scheme is often referred to as centralized DMA for this reason.
CardBus socket registers
The PCI1211 contains all registers for compatibility with the latest PCI-to-PCMCIA CardBus bridge
specification. These registers exist as the CardBus socket registers, and are listed in Table 9.
Table 9. CardBus Socket Registers
REGISTER NAME
OFFSET
Socket event
00h
Socket mask
04h
Socket present state
08h
Socket force event
0Ch
Socket control
10h
Reserved
14h
Reserved
18h
Reserved
1Ch
Socket power management
20h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com