Electronic Components Datasheet Search
  English  ▼

X  

PCI1211 Datasheet(PDF) 51 Page - Texas Instruments

Part # PCI1211
Description  PC CARD CONTROLLERS
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1211 Datasheet(HTML) 51 Page - Texas Instruments

Back Button PCI1211 Datasheet HTML 47Page - Texas Instruments PCI1211 Datasheet HTML 48Page - Texas Instruments PCI1211 Datasheet HTML 49Page - Texas Instruments PCI1211 Datasheet HTML 50Page - Texas Instruments PCI1211 Datasheet HTML 51Page - Texas Instruments PCI1211 Datasheet HTML 52Page - Texas Instruments PCI1211 Datasheet HTML 53Page - Texas Instruments PCI1211 Datasheet HTML 54Page - Texas Instruments PCI1211 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 130 page
background image
PCI1211 GGU/PGE
PC CARD CONTROLLERS
SCPS033A – OCTOBER 1998
51
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PCI bus number register
Bit
7
6
5
4
3
2
1
0
Name
PCI bus number
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
PCI bus number
Type:
Read/Write
Offset:
18h
Default:
00h
Description: This register is programmed by the host system to indicate the bus number of the PCI bus to
which the PCI1211 is connected. The PCI1211 uses this register in conjunction with the
CardBus bus number and subordinate bus number registers to determine when to forward
PCI configuration cycles to its secondary buses.
CardBus bus number register
Bit
7
6
5
4
3
2
1
0
Name
CardBus bus number
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
CardBus bus number
Type:
Read/Write
Offset:
19h
Default:
00h
Description: This register is programmed by the host system to indicate the bus number of the CardBus
bus to which the PCI1211 is connected. The PCI1211 uses this register in conjunction with the
PCI bus number and subordinate bus number registers to determine when to forward PCI
configuration cycles to its secondary buses.
subordinate bus number register
Bit
7
6
5
4
3
2
1
0
Name
Subordinate bus number
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
Subordinate bus number
Type:
Read/Write
Offset:
1Ah
Default:
00h
Description: This register is programmed by the host system to indicate the highest-numbered bus below
the CardBus bus. The PCI1211 uses this register in conjunction with the PCI bus number and
CardBus bus number registers to determine when to forward PCI configuration cycles to its
secondary buses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com