Electronic Components Datasheet Search
  English  ▼

X  

PCI1451 Datasheet(PDF) 39 Page - Texas Instruments

Part # PCI1451
Description  PC Card Controller
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1451 Datasheet(HTML) 39 Page - Texas Instruments

Back Button PCI1451 Datasheet HTML 35Page - Texas Instruments PCI1451 Datasheet HTML 36Page - Texas Instruments PCI1451 Datasheet HTML 37Page - Texas Instruments PCI1451 Datasheet HTML 38Page - Texas Instruments PCI1451 Datasheet HTML 39Page - Texas Instruments PCI1451 Datasheet HTML 40Page - Texas Instruments PCI1451 Datasheet HTML 41Page - Texas Instruments PCI1451 Datasheet HTML 42Page - Texas Instruments PCI1451 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 141 page
background image
3–7
Table 3–2. PC Card – Card Detect and Voltage Sense Connections
CD2//CCD2
CD1//CCD1
VS2//CVS2
VS1//CVS1
Key
Interface
Voltage
Ground
Ground
Open
Open
5 V
16-bit PC Card
5 V
Ground
Ground
Open
Ground
5 V
16-bit PC Card
5 V and 3.3 V
Ground
Ground
Ground
Ground
5 V
16-bit PC Card
5 V, 3.3 V, and
X.X V
Ground
Ground
Open
Ground
LV
16-bit PC Card
3.3 V
Ground
Connect to CVS1
Open
Connect to CCD1
LV
CardBus PC Card
3.3 V
Ground
Ground
Ground
Ground
LV
16-bit PC Card
3.3 V and X.X V
Connect to CVS2
Ground
Connect to CCD2
Ground
LV
CardBus PC Card
3.3 V and X.X V
Connect to CVS1
Ground
Ground
Connect to CCD2
LV
CardBus PC Card
3.3 V, X.X V, and
Y.Y V
Ground
Ground
Ground
Open
LV
16-bit PC Card
Y.Y V
Connect to CVS2
Ground
Connect to CCD2
Open
LV
CardBus PC Card
Y.Y V
Ground
Connect to CVS2
Connect to CCD1
Open
LV
CardBus PC Card
X.X V and Y.Y V
Connect to CVS1
Ground
Open
Connect to CCD2
LV
CardBus PC Card
Y.Y V
Ground
Connect to CVS1
Ground
Connect to CCD1
Reserved
Ground
Connect to CVS2
Connect to CCD1
Ground
Reserved
3.4.2
P2C Power Switch Interface (TPS2202A/2206)
A power switch with a PCMCIA-to-peripheral control (P2C) interface is required for the PC Card powering interface.
The TI TPS2206 (or TPS2202A) Dual-Slot PC Card Power-Interface Switch provides the P2C interface to the CLOCK,
DATA, and LATCH terminals of the PCI1451. Figure 3–8 shows the terminal assignments of the TPS2206. Figure 3–9
illustrates a typical application where the PCI1451 represents the PCMCIA controller.
There are two ways to provide a clock source to the power switch interface. The first method is to provide an external
clock source such as a 32 kHz real time clock to the CLOCK terminal. The second method is to use the internal ring
oscillator. If the internal ring oscillator is used, then the PCI1451 provides its own clock source for the PC Card
interrogation logic and the power switch interface. The mode of operation is determined by the setting of bit 27
(P2CCLK) of the system control register (PCI offset 80h). This bit is encoded as follows:
0 = CLOCK terminal is an input (default).
1 = CLOCK terminal is an output that utilizes the internal oscillator.
A 43 k
W pulldown resistor should be tied to the CLOCK pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com