Electronic Components Datasheet Search
  English  ▼

X  

PCI1451 Datasheet(PDF) 13 Page - Texas Instruments

Part # PCI1451
Description  PC Card Controller
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1451 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCI1451 Datasheet HTML 9Page - Texas Instruments PCI1451 Datasheet HTML 10Page - Texas Instruments PCI1451 Datasheet HTML 11Page - Texas Instruments PCI1451 Datasheet HTML 12Page - Texas Instruments PCI1451 Datasheet HTML 13Page - Texas Instruments PCI1451 Datasheet HTML 14Page - Texas Instruments PCI1451 Datasheet HTML 15Page - Texas Instruments PCI1451 Datasheet HTML 16Page - Texas Instruments PCI1451 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 141 page
background image
1–1
1 Introduction
1.1
Description
The Texas Instruments PCI1451 is a high-performance PC Card controller with a 32-bit PCI interface. The
device supports two independent PC Card sockets compliant with the
1997 PC Card Standard and the PCI Bus
Interface Specification for PCI-to-CardBus Bridges. The PCI1451 provides features which make it the best
choice for bridging between PCI and PC Cards in both notebook and desktop computers. The
1995 and 1997
PC Card
t Standards retain the 16-bit PC Card specification defined in PCMCIA Release 2.1, and define the
new 32-bit PC Card, CardBus, capable of full 32-bit data transfers at 33 MHz. The PCI1451 supports any
combination of 16-bit and CardBus PC Cards in the two sockets, powered at 5 Vdc or 3.3 Vdc as required.
The PCI1451 is compliant with the latest
PCI Bus Power Management Specification. It is also compliant with
the
PCI Local Bus Specification, and its PCI interface can act as either a PCI master device or a PCI slave
device. The PCI bus mastering is initiated during 16-bit PC Card DMA transfers, or CardBus PC Card bridging
transactions.
All card signals are internally buffered to allow hot insertion and removal. The PCI1451 is register compatible
with the Intel 82365SL-DF ExCA controller. The PCI1451 internal data-path logic allows the host to access 8-,
16-, and 32-bit cards using full 32-bit PCI cycles for maximum performance. Independent buffering and a
pipeline architecture provide an unsurpassed performance level with sustained bursting. The PCI1451 can also
be programmed to accept fast posted writes to improve system bus utilization.
The PCI1451 provides an internally buffered zoom video (ZV) path. This reduces the design effort of PC board
manufacturers to add a ZV compatible solution and ensures compliance with the CardBus loading
specifications. Multiple system interrupt signaling options are provided: Serial ISA/Serial PCI, Serial
ISA/Parallel PCI, Parallel ISA/Parallel PCI, and PCI Only interrupts. Furthermore, general-purpose inputs and
outputs (GPIOs) are provided for the board designer to implement sideband functions. Many other features are
designed into the PCI1451 such as socket activity LED outputs, and are discussed in detail throughout the
design specification.
An advanced complementary metal-oxide semiconductor (CMOS) process achieves low system power
consumption while operating at PCI clock rates up to 33 MHz. Several low-power modes allow the host power
management system to further reduce power consumption.
Unused PCI1451 inputs must be pulled up using a 43-k
W resistor.
1.2
Features
The PCI1451 supports the following features:
•
Ultra zoomed video
•
Zoomed video auto-detect
•
Advanced filtering on card detect lines provide 90 microseconds of noise immunity.
•
Programmable D3 status pin
•
Internal ring oscillator
•
3.3-V core logic with universal PCI interfaces compatible with 3.3-V and 5-V PCI signaling environments
TI is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com