Electronic Components Datasheet Search
  English  ▼

X  

PCI1451 Datasheet(PDF) 51 Page - Texas Instruments

Part # PCI1451
Description  PC Card Controller
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1451 Datasheet(HTML) 51 Page - Texas Instruments

Back Button PCI1451 Datasheet HTML 47Page - Texas Instruments PCI1451 Datasheet HTML 48Page - Texas Instruments PCI1451 Datasheet HTML 49Page - Texas Instruments PCI1451 Datasheet HTML 50Page - Texas Instruments PCI1451 Datasheet HTML 51Page - Texas Instruments PCI1451 Datasheet HTML 52Page - Texas Instruments PCI1451 Datasheet HTML 53Page - Texas Instruments PCI1451 Datasheet HTML 54Page - Texas Instruments PCI1451 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 141 page
background image
3–19
•
Card control register (PCI offset 91h): bits 7, 6, 2, 1, 0
•
Device control register (PCI offset 92h): bits 7–0
•
Diagnostic register (PCI offset 93h): bits 7–0
•
Socket DMA register 0 (PCI offset 94h): bits 1–0
•
Socket DMA register 1 (PCI offset 98h): bits 15–0
•
GPE control/status register (PCI offset A8h): bits 10, 9, 8, 2, 1, 0
PME context bits
•
Bridge control register (PCI offset 3Eh): bit 6
•
Power management capabilities register (PCI offset A2h): bit 15
•
Power management control/status register (PCI offset A4h): bits 15, 8
•
ExCA power control register (ExCA 802h/842h): bits 7, 4, 3, 1, 0
•
ExCA interrupt and general control (ExCA 803h/843h): bit 6, 5
•
ExCA card status change register (ExCA 804h/844h): bits 3–0
•
ExCA card status change interrupt register (ExCA 805h/845h): bits 3–0
•
CardBus socket event register (CardBus offset 00h): bits 3–0
•
CardBus socket mask register (CardBus offset 04h): bits 3–0
•
CardBus socket control register (CardBus offset 10h): bits 6, 5, 4, 2, 1, 0
3.6.6
System Diagram Implementing CardBus Device Class Power Management
PCI1451
South Bridge
Embedded
Controller
PME
68
PC Card
Socket A
TPS2206
Power
Switch
2
PC Card
Socket B
CLKRUN
68
PCI Bus
Clock
PRST
GRST†
Vcc
System Vcc
Vaux
Make before
break switch
D3Status
Real Time
Clock‡
† The system connection to GRST is implementation specific. GRST should be applied whenever Vcc is applied to the PCI1451. PRST should be
applied for subsequent warm resets.
‡ Not required if internal oscillator is used.
Figure 3–15. System Diagram Implementing CardBus Device Class Power Management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com